Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC14000 Datasheet(PDF) 13 Page - Microchip Technology

Part # PIC14000
Description  28-Pin Programmable Mixed Signal Controller
PDF  153 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC14000 Datasheet(HTML) 13 Page - Microchip Technology

Back Button PIC14000 Datasheet HTML 9Page - Microchip Technology PIC14000 Datasheet HTML 10Page - Microchip Technology PIC14000 Datasheet HTML 11Page - Microchip Technology PIC14000 Datasheet HTML 12Page - Microchip Technology PIC14000 Datasheet HTML 13Page - Microchip Technology PIC14000 Datasheet HTML 14Page - Microchip Technology PIC14000 Datasheet HTML 15Page - Microchip Technology PIC14000 Datasheet HTML 16Page - Microchip Technology PIC14000 Datasheet HTML 17Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 153 page
background image
© 1996 Microchip Technology Inc.
Preliminary
DS40122B-page 13
PIC14000
4.0
MEMORY ORGANIZATION
4.1
Program Memory Organization
The PIC14000 has a 13-bit program counter capable of
addressing an 8K x 14 program memory space. Only
the first 4K x 14 (0000-0FFFh) are physically imple-
mented. Accessing a location above the physically
implemented address will cause a wraparound. The
reset vector is at 0000h and the interrupt vector is at
0004h (Figure 4-1).
The 4096 words of Program Memory space are divided
into:
• Address Vectors (addr 0000h-0004h)
• Program Memory Page 0 (addr 0005h-07FFH)
• Program Memory Page 1 (addr 0800h-0FBFh)
• Calibration Space (64 words, addr 0FC0h-0FFFh)
Program code may reside in Page 0 and Page 1.
FIGURE 4-1:
PIC14000 PROGRAM
MEMORY MAP AND STACK
PC<12:0>
Stack Level 1
Stack Level 8
Reset Vector
Interrupt Vector
•
•
•
•
•
CALL, RETURN,
RETFIE, RETLW
13
0000h
0004h
0005h
0FFFh
1000h
20FFh
07FFh
On-chip Program
Memory (Page 0)
0800h
On-chip Program
Memory (Page 1)
Calibration Space
(64 words)
0FC0h
0FBFh
4.1.1
CALIBRATION SPACE
The calibration space is not used for instructions. This
section stores constants and factors for the arithmetic
calculations to calibrate the analog measurements.
TABLE 4-1:
CALIBRATION DATA
OVERVIEW*
* Refer to AN621 for details.
** Microchip modified IEEE754 32-bit floating point format.
Refer to application note AN575 for details.
Address
Parameter
Symbol
Units
Format
0FC0h-0FC3h
Slope
reference
ratio
K
REF
N/A
32-bit
floating
point**
0FC4h-0FC7h
Bandgap
reference
voltage
K
BG
Volts
32-bit
floating
point
0FC8h-0FCBh
Tempera-
ture sensor
voltage
V
THERM
Volts
32-bit
floating
point
0FCCh-0FCFh
Tempera-
ture sensor
coefficient
K
TC
Volts/
degree
Celsius
32-bit
floating
point
0FD0h
Internal
oscillator
frequency
multiplier
F
OSC
N/A
byte
0FD2h
WDT
time-out
T
WDT
ms
byte
This document was created with FrameMaker404



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com