Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC14000 Datasheet(PDF) 83 Page - Microchip Technology

Part # PIC14000
Description  28-Pin Programmable Mixed Signal Controller
PDF  153 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC14000 Datasheet(HTML) 83 Page - Microchip Technology

Back Button PIC14000 Datasheet HTML 79Page - Microchip Technology PIC14000 Datasheet HTML 80Page - Microchip Technology PIC14000 Datasheet HTML 81Page - Microchip Technology PIC14000 Datasheet HTML 82Page - Microchip Technology PIC14000 Datasheet HTML 83Page - Microchip Technology PIC14000 Datasheet HTML 84Page - Microchip Technology PIC14000 Datasheet HTML 85Page - Microchip Technology PIC14000 Datasheet HTML 86Page - Microchip Technology PIC14000 Datasheet HTML 87Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 83 / 153 page
background image
© 1996 Microchip Technology Inc.
Preliminary
DS40122B-page 83
PIC14000
10.6.1
EXTERNAL INTERRUPT
An external interrupt can be generated via the
OSC1/PBTN pin if IN (internal oscillator) mode is
enabled. This interrupt is falling edge triggered. When
a valid edge appears on OSC1/PBTN pin, PBIF
(PIR1<4>) is set. This interrupt can be disabled by
clearing PBIE (PIE1<4>). PBIF must be cleared in soft-
ware in the interrupt service routine before re-enabling
the interrupt. This interrupt can wake up the processor
from SLEEP if PBIE bit is set (interrupt enabled) prior
to going into SLEEP mode. The status of the GIE bit
determines whether or not the processor branches to
the interrupt vector following wake-up. The timing of the
external interrupt is shown in Figure 10-10.
FIGURE 10-10: EXTERNAL (OSC1/PBTN) INTERRUPT TIMING
Q2
Q1
Q3
Q4
Q2
Q1
Q3
Q4
Q2
Q1
Q3
Q4
Q2
Q1
Q3
Q4
Q2
Q1
Q3
Q4
INTERNAL
CLKOUT(3)
PBTN pin
PBIF flag
(PIR<4>)
GIE bit
(INTCON<7>)
INSTRUCTION FLOW
PC
Instruction
fetched
Instruction
executed
Interrupt Latency
PC
PC+1
PC+1
0004h
0005h
Inst (0004h)
Inst (0005h)
Dummy Cycle
Inst (PC)
Inst (PC+1)
Inst (PC-1)
Inst (0004h)
Dummy Cycle
Inst (PC)
—
1
4
5
1
Notes:
1. PBIF flag is sampled here (every Q1)
2. Interrupt latency = 3-4Tcy where Tcy = instruction cycle time.
Latency is the same whether Inst (PC) is a single cycle or a 2-cycle instruction.
3. Available only in IN oscillator mode on OSC2.
4. For minimum width spec of PBTN pulse, refer to AC specs.
5. PBIF is enabled to be set anytime during the Q4-Q1 cycles.
(Note 2)
OSC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com