Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC14000 Datasheet(PDF) 65 Page - Microchip Technology

Part # PIC14000
Description  28-Pin Programmable Mixed Signal Controller
PDF  153 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC14000 Datasheet(HTML) 65 Page - Microchip Technology

Back Button PIC14000 Datasheet HTML 61Page - Microchip Technology PIC14000 Datasheet HTML 62Page - Microchip Technology PIC14000 Datasheet HTML 63Page - Microchip Technology PIC14000 Datasheet HTML 64Page - Microchip Technology PIC14000 Datasheet HTML 65Page - Microchip Technology PIC14000 Datasheet HTML 66Page - Microchip Technology PIC14000 Datasheet HTML 67Page - Microchip Technology PIC14000 Datasheet HTML 68Page - Microchip Technology PIC14000 Datasheet HTML 69Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 153 page
background image
© 1996 Microchip Technology Inc.
Preliminary
DS40122B-page 65
PIC14000
9.0
OTHER ANALOG MODULES
The PIC14000 has additional analog modules for
mixed signal applications. These include:
• bandgap voltage reference
• comparators with programmable references
• internal temperature sensor
• voltage regulator control
9.1
Bandgap Voltage Reference
The bandgap reference circuit is used to generate a
1.2V nominal stable voltage reference for the A/D and
the low-voltage detector. The bandgap reference is
channel 4 of the analog mux. The bandgap reference
voltage is stored in the calibration space EPROM
(See Table 4-2). To enable the bandgap reference
REFOFF (SLPCON<5>) must be cleared.
9.2
Level-Shift Networks
The RA1/AN1 and RA5/AN5 pins have an internal
level-shift network. A current source and resistor are
used to bias the pin voltage by about +0.5V into a range
usable by the A/D converter. The nominal value of bias
current source is 5
µA and the resistor is 100 kohms.
The level-shift function can be turned on by clearing the
LSOFF bit (SLPCON<4>) to '0'.
Note:
The minimum voltage permissible at the
RA1/AN1 and RA5/AN5 pins is -0.3V. The
input protection diodes will begin to turn
on beyond -0.3V, introducing significant
errors in the A/D readings. Under no con-
ditions should the pin voltage fall below
-0.5V.
9.2.1
ZEROING/FILTERING SWITCHES
The RA1/AN1 and RA5/AN5 inputs also have a
matched pair of pass gates useful for current-measure-
ment applications. One gate is connected between the
pin and the level-shift network. The second pass gate
is connected to ground as shown in Figure 9-1. By set-
ting the ADZERO bit (ADCON0<0>), a zero-current
condition is simulated. Subsequent A/D readings are
calculated relative to this zero count from the A/D. This
zeroing of the current provides very high accuracies at
low current values where it is most needed.
For additional noise filtering or for capturing short dura-
tion periodic pulses, an optional filter capacitor may be
connected from the SUM pin to ground (this feature is
available for RA1/AN1 only). This forms an RC network
with the internal 100 kohm (nominal) bias resistor to act
as a low pass filter. The capacitor size can be adjusted
for the desired time constant.
A switch is included between the output from the
RA1/AN1 level-shift network and the SUM pin. This
switch is closed during A/D sampling periods and is
automatically opened during a zeroing operation (if
ADZERO = '1'). If not required in the system, this pin
should be left floating (not connected).
Setting the LSOFF bit (SLPCON<4>) disables the
level-shift networks, so the RA1/AN1 and RA5/AN5
pins can continue to be used as general-purpose ana-
log inputs.
This document was created with FrameMaker404



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com