Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC4467 Datasheet(PDF) 6 Page - Microchip Technology

Part # TC4467
Description  Logic-Input CMOS Quad Drivers
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC4467 Datasheet(HTML) 6 Page - Microchip Technology

Back Button TC4467 Datasheet HTML 2Page - Microchip Technology TC4467 Datasheet HTML 3Page - Microchip Technology TC4467 Datasheet HTML 4Page - Microchip Technology TC4467 Datasheet HTML 5Page - Microchip Technology TC4467 Datasheet HTML 6Page - Microchip Technology TC4467 Datasheet HTML 7Page - Microchip Technology TC4467 Datasheet HTML 8Page - Microchip Technology TC4467 Datasheet HTML 9Page - Microchip Technology TC4467 Datasheet HTML 10Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 22 page
background image
TC4467/TC4468/TC4469
DS21425B-page 6
 2002 Microchip Technology Inc.
2.0
TYPICAL PERFORMANCE CURVES (CONTINUED)
Note:
TA = +25°C, with 4.5 V ≤ VDD ≤ 18 V.
FIGURE 2-7:
Input Amplitude vs. Delay
Times.
FIGURE 2-8:
Quiescent Supply Current
vs. Supply Voltage.
FIGURE 2-9:
High-State Output
Resistance.
FIGURE 2-10:
Propagation Delay Times
vs. Temperatures.
FIGURE 2-11:
Quiescent Supply Current
vs. Temperature.
FIGURE 2-12:
Low-State Output
Resistance.
140
120
100
80
60
40
20
0
1
9
10
2
3
4
5
6
7
8
INPUT FALLING
INPUT RISING
VDRIVE (V)
tD1
tD2
VDD
V
= 12 V
0
4
0.5
1.0
1.5
2.0
2.5
6
8
10
12
14
16
18
OUTPUTS = 1
OUTPUTS = 0
VSUPPLY (V)
0
4
6
8
10
12
14
16
18
V
SUPPLY
(V)
5
10
15
20
25
30
35
TJ = +150°C
TJ = +25°C
70
20
100
120
-40
-20
0
20
40
60
80
30
40
50
60
-60
°C)
VDD = 17.5 V
= 470 pF
VIN
tD1
tD2
3.5
0
100
120
-40
-20
0
20
40
60
80
3.0
2.5
2.0
1.5
1.0
0.5
OUTPUTS = 1
OUTPUTS = 0
-60
TJUNCTION (°C)
V
VDD = 17.5 V
0
4
6
8
10
12
14
16
18
5
10
15
20
25
30
35
V
SUPPLY
(V)
TJ = +150°C
TJ = +25°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com