Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC4467 Datasheet(PDF) 7 Page - Microchip Technology

Part # TC4467
Description  Logic-Input CMOS Quad Drivers
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC4467 Datasheet(HTML) 7 Page - Microchip Technology

Back Button TC4467 Datasheet HTML 3Page - Microchip Technology TC4467 Datasheet HTML 4Page - Microchip Technology TC4467 Datasheet HTML 5Page - Microchip Technology TC4467 Datasheet HTML 6Page - Microchip Technology TC4467 Datasheet HTML 7Page - Microchip Technology TC4467 Datasheet HTML 8Page - Microchip Technology TC4467 Datasheet HTML 9Page - Microchip Technology TC4467 Datasheet HTML 10Page - Microchip Technology TC4467 Datasheet HTML 11Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 22 page
background image
 2002 Microchip Technology Inc.
DS21425B-page 7
TC4467/TC4468/TC4469
2.0
TYPICAL PERFORMANCE CURVES (CONTINUED)
Note:
(Load on single output only).
FIGURE 2-13:
Supply Current vs.
Capacitive Load.
FIGURE 2-14:
Supply Current vs.
Capacitive Load.
FIGURE 2-15:
Supply Current vs.
Capacitive Load.
FIGURE 2-16:
Supply Current vs.
Frequency.
FIGURE 2-17:
Supply Current vs.
Frequency.
FIGURE 2-18:
Supply Current vs.
Frequency.
60
0
100
1000
10,000
50
40
30
20
10
2MH
Hz
1 MHz
1 MHz
1MH
50
00 kHz
200 kHz
20 kHz
CLOAD (pF)
VDD = 18 V
60
0
100
1000
10,000
50
40
30
20
10
2MHz
2MHz
1 MHz
500 kHz
200 kHz
20 kHz
CLOAD (pF)
VDD
V
= 12 V
60
50
40
30
20
10
0
100
1000
10,000
1 MHz
500 kHz
200 kHz
20 kHz
2 MHz
CLOAD (pF)
V
VDD
V
= 6 V
60
0
100
1000
FREQUENCY (kHz)
50
40
30
20
10
2200 pF
1
1000 pF
p
100 pF
10
10,000
VDD = 18 V
60
0
10
100
FREQUENCY (kHz)
50
40
30
20
10
1000
2200 pF
p
p
1000 pF
100 pF
10,000
VDD
V
= 12 V
60
0
10
1000
100
FREQUENCY (kHz)
50
40
30
20
10
2200 pF
1000 pF
100 pF
10,000
V
VDD = 6 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com