Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC4467 Datasheet(PDF) 15 Page - Microchip Technology

Part # TC4467
Description  Logic-Input CMOS Quad Drivers
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC4467 Datasheet(HTML) 15 Page - Microchip Technology

Back Button TC4467 Datasheet HTML 11Page - Microchip Technology TC4467 Datasheet HTML 12Page - Microchip Technology TC4467 Datasheet HTML 13Page - Microchip Technology TC4467 Datasheet HTML 14Page - Microchip Technology TC4467 Datasheet HTML 15Page - Microchip Technology TC4467 Datasheet HTML 16Page - Microchip Technology TC4467 Datasheet HTML 17Page - Microchip Technology TC4467 Datasheet HTML 18Page - Microchip Technology TC4467 Datasheet HTML 19Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 22 page
background image
 2002 Microchip Technology Inc.
DS21425B-page 15
TC4467/TC4468/TC4469
16-Lead Plastic Small Outline (SO) – Wide, 300 mil (SOIC)
Foot Angle
φ
0
48048
15
12
0
15
12
0
β
Mold Draft Angle Bottom
15
12
0
15
12
0
α
Mold Draft Angle Top
0.51
0.42
0.36
.020
.017
.014
B
Lead Width
0.33
0.28
0.23
.013
.011
.009
c
Lead Thickness
1.27
0.84
0.41
.050
.033
.016
L
Foot Length
0.74
0.50
0.25
.029
.020
.010
h
Chamfer Distance
10.49
10.30
10.10
.413
.406
.398
D
Overall Length
7.59
7.49
7.39
.299
.295
.291
E1
Molded Package Width
10.67
10.34
10.01
.420
.407
.394
E
Overall Width
0.30
0.20
0.10
.012
.008
.004
A1
Standoff §
2.39
2.31
2.24
.094
.091
.088
A2
Molded Package Thickness
2.64
2.50
2.36
.104
.099
.093
A
Overall Height
1.27
.050
p
Pitch
16
16
n
Number of Pins
MAX
NOM
MIN
MAX
NOM
MIN
Dimension Limits
MILLIMETERS
INCHES*
Units
L
β
c
φ
h
45
°
1
2
D
p
n
B
E1
E
α
A2
A1
A
* Controlling Parameter
Notes:
Dimensions D and E1 do not include mold flash or protrusions. Mold flash or protrusions shall not exceed
.010” (0.254mm) per side.
JEDEC Equivalent: MS-013
Drawing No. C04-102
§ Significant Characteristic



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com