Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC4467 Datasheet(PDF) 8 Page - Microchip Technology

Part # TC4467
Description  Logic-Input CMOS Quad Drivers
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC4467 Datasheet(HTML) 8 Page - Microchip Technology

Back Button TC4467 Datasheet HTML 4Page - Microchip Technology TC4467 Datasheet HTML 5Page - Microchip Technology TC4467 Datasheet HTML 6Page - Microchip Technology TC4467 Datasheet HTML 7Page - Microchip Technology TC4467 Datasheet HTML 8Page - Microchip Technology TC4467 Datasheet HTML 9Page - Microchip Technology TC4467 Datasheet HTML 10Page - Microchip Technology TC4467 Datasheet HTML 11Page - Microchip Technology TC4467 Datasheet HTML 12Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 22 page
background image
TC4467/TC4468/TC4469
DS21425B-page 8
 2002 Microchip Technology Inc.
3.0
PIN DESCRIPTIONS
The descriptions of the pins are listed in Table 3-1.
TABLE 3-1:
PIN FUNCTION TABLE
14-Pin PDIP,
CERDIP
16-Pin SOIC
(Wide)
Description
Symbol
Symbol
1A
1A
Input A for Driver 1, TTL/CMOS Compatible Input
1B
1B
Input B for Driver 1, TTL/CMOS Compatible Input
2A
2A
Input A for Driver 2, TTL/CMOS Compatible Input
2B
2B
Input B for Driver 2, TTL/CMOS Compatible Input
3A
3A
Input A for Driver 3, TTL/CMOS Compatible Input
3B
3B
Input B for Driver 3, TTL/CMOS Compatible Input
GND
GND
Ground
—
GND
Ground
4A
4A
Input A for Driver 4, TTL/CMOS Compatible Input
4B
4B
Input B for Driver 4, TTL/CMOS Compatible Input
4Y
4Y
Output for Driver 4, CMOS Push-Pull Output
3Y
3Y
Output for Driver 3, CMOS Push-Pull Output
2Y
2Y
Output for Driver 2, CMOS Push-Pull Output
1Y
1Y
Output for Driver 1, CMOS Push-Pull Output
VDD
VDD
Supply Input, 4.5 V to 18 V
—VDD
Supply Input, 4.5 V to 18 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com