Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD6645 Datasheet(PDF) 4 Page - Analog Devices

Part # AD6645
Description  14-Bit, 80 MSPS/105 MSPS A/D Converter
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD6645 Datasheet(HTML) 4 Page - Analog Devices

  AD6645 Datasheet HTML 1Page - Analog Devices AD6645 Datasheet HTML 2Page - Analog Devices AD6645 Datasheet HTML 3Page - Analog Devices AD6645 Datasheet HTML 4Page - Analog Devices AD6645 Datasheet HTML 5Page - Analog Devices AD6645 Datasheet HTML 6Page - Analog Devices AD6645 Datasheet HTML 7Page - Analog Devices AD6645 Datasheet HTML 8Page - Analog Devices AD6645 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 24 page
background image
AD6645
Rev. D | Page 4 of 24
DIGITAL SPECIFICATIONS
AVCC = 5 V, DVCC = 3.3 V; TMIN and TMAX at rated speed grade, unless otherwise noted.
Table 2.
Test
AD6645ASQ-80/AD6645ASV-80
AD6645ASQ-105/AD6645ASV-105
Parameter
Temp
Level
Min
Typ
Max
Min
Typ
Max
Unit
ENCODE INPUTS (ENCODE, ENCODE)
Differential Input Voltage1
Full
IV
0.4
0.4
V p-p
Differential Input Resistance
25°C
V
10
10
kΩ
Differential Input Capacitance
25°C
V
2.5
2.5
pF
LOGIC OUTPUTS (D13 to D0, DRY, OVR)
Logic Compatibility
CMOS
CMOS
Logic 1 Voltage (DVCC = 3.3 V)2
Full
II
2.85
DVCC − 2
2.85
DVCC − 2
V
Logic 0 Voltage (DVCC = 3.3 V)2
Full
II
0.2
0.5
0.2
0.5
V
Output Coding
Twos complement
Twos complement
DMID
Full
V
DVCC/2
DVCC/2
V
1 All ac specifications tested by driving ENCODE and ENCODE differentially.
2 Digital output logic levels: DVCC = 3.3 V, CLOAD = 10 pF. Capacitive loads >10 pF degrades performance.
AC SPECIFICATIONS
All ac specifications tested by driving ENCODE and ENCODE differentially. AVCC = 5 V, DVCC = 3.3 V; ENCODE, ENCODE, TMIN and
TMAX at rated speed grade, unless otherwise noted.
Table 3.
Test
AD6645ASQ-80/
AD6645ASV-80
AD6645ASQ-105/
AD6645ASV-105
Parameter
Temp
Level
Min
Typ
Max
Min
Typ
Max
Unit
Conditions
SNR
Analog Input @ −1 dBFS
25°C
V
75.0
75.0
dB
At 15.5 MHz
Full
II
72.5
74.5
dB
At 30.5 MHz
25°C
I
72.5
74.5
dB
At 37.7 MHz
Full
II
72.0
73.5
72.0
73.5
dB
At 70.0 MHz
25°C
V
73.0
73.0
dB
At 150.0 MHz
25°C
V
72.0
72.0
dB
At 200.0 MHz
SINAD
Analog Input @ −1 dBFS
25°C
V
75.0
75.0
dB
At 15.5 MHz
Full
II
72.5
74.5
dB
At 30.5 MHz
25°C
I
72.5
74.5
dB
At 37.7 MHz
Full
V
73.0
73.0
dB
At 70.0 MHz
25°C
V
68.5
67.5
dB
At 150.0 MHz
25°C
V
62.5
62.5
dB
At 200.0 MHz
WORST HARMONIC (SECOND OR THIRD)
Analog Input @ −1 dBFS
25°C
V
93.0
93.1
dBc
At 15.5 MHz
Full
II
85.0
93.0
dBc
At 30.5 MHz
25°C
I
85.0
93.0
dBc
At 37.7 MHz
Full
V
89.0
87.0
dBc
At 70.0 MHz
25°C
V
70.0
70.0
dBc
At 150.0 MHz
25°C
V
63.5
63.5
dBc
At 200.0 MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com