Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD6645 Datasheet(PDF) 13 Page - Analog Devices

Part # AD6645
Description  14-Bit, 80 MSPS/105 MSPS A/D Converter
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD6645 Datasheet(HTML) 13 Page - Analog Devices

Back Button AD6645 Datasheet HTML 9Page - Analog Devices AD6645 Datasheet HTML 10Page - Analog Devices AD6645 Datasheet HTML 11Page - Analog Devices AD6645 Datasheet HTML 12Page - Analog Devices AD6645 Datasheet HTML 13Page - Analog Devices AD6645 Datasheet HTML 14Page - Analog Devices AD6645 Datasheet HTML 15Page - Analog Devices AD6645 Datasheet HTML 16Page - Analog Devices AD6645 Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 24 page
background image
AD6645
Rev. D | Page 13 of 24
FREQUENCY (MHz)
–130
–120
–110
–100
–90
–80
–70
–60
–50
–40
–30
–20
–10
0
5
0
10152025303540
ENCODE = 76.8MSPS
AIN = 2W-CDMA @ 59.6MHz
6
54
2
3
FREQUENCY (MHz)
ENCODE = 76.8MSPS
AIN = W-CDMA @ 140MHz
–130
–120
–110
–100
–90
–80
–70
–60
–50
–40
–30
–20
–10
0
5
0
1015
2025303540
Figure 28. Two W-CDMA Carriers @ 59.6 MHz, Encode = 76.8 MSPS
Figure 30. W-CDMA Tone @ 140 MHz, Encode = 76.8 MSPS
23
6
4
5
FREQUENCY (MHz)
ENCODE = 61.44MSPS
AIN = W-CDMA @ 190MHz
–130
–120
–110
–100
–90
–80
–70
–60
–50
–40
–30
–20
–10
0
0
2.5 5.0 7.5 10.0 12.5 15.0 17.5 20.0 22.5 25.0 27.5 30.0
FREQUENCY (MHz)
–130
–120
–110
–100
–90
–80
–70
–60
–50
–40
–30
–20
–10
0
ENCODE = 61.44MSPS
AIN = 4W-CDMA @ 46.08MHz
0
2.5 5.0 7.5 10.0 12.5 15.0 17.5 20.0 22.5 25.0 27.5 30.0
Figure 31. W-CDMA Tone @ 190 MHz, Encode = 61.44 MSPS
Figure 29. Four W-CDMA Carriers @ 46.08 MHz, Encode = 61.44 MSPS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com