Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD6645 Datasheet(PDF) 9 Page - Analog Devices

Part # AD6645
Description  14-Bit, 80 MSPS/105 MSPS A/D Converter
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD6645 Datasheet(HTML) 9 Page - Analog Devices

Back Button AD6645 Datasheet HTML 5Page - Analog Devices AD6645 Datasheet HTML 6Page - Analog Devices AD6645 Datasheet HTML 7Page - Analog Devices AD6645 Datasheet HTML 8Page - Analog Devices AD6645 Datasheet HTML 9Page - Analog Devices AD6645 Datasheet HTML 10Page - Analog Devices AD6645 Datasheet HTML 11Page - Analog Devices AD6645 Datasheet HTML 12Page - Analog Devices AD6645 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 24 page
background image
AD6645
Rev. D | Page 9 of 24
TYPICAL PERFORMANCE CHARACTERISTICS
FREQUENCY (MHz)
–130
–120
–110
–100
–90
–80
–70
–60
–50
–40
–30
–20
–10
0
2
6
5
4
3
5
0
101520
25303540
ENCODE = 80MSPS
AIN = 2.2MHz @ –1dBFS
SNR = 75.0dB
SFDR = 93.0dBc
Figure 4. Single Tone @ 2.2 MHz
FREQUENCY (MHz)
–130
–120
–110
–100
–90
–80
–70
–60
–50
–40
–30
–20
–10
0
2
6
5
4
3
5
0
10152025303540
ENCODE = 80MSPS
AIN = 15.5MHz @ –1dBFS
SNR = 75.0dB
SFDR = 93.0dBc
Figure 5. Single Tone @ 15.5 MHz
FREQUENCY (MHz)
–130
–120
–110
–100
–90
–80
–70
–60
–50
–40
–30
–20
–10
0
2
6
5
4
3
5
0
10152025303540
ENCODE = 80MSPS
AIN = 29.5MHz @ –1dBFS
SNR = 74.5dB
SFDR = 93.0dBc
Figure 6. Single Tone @ 29.5 MHz
FREQUENCY (MHz)
–130
–120
–110
–100
–90
–80
–70
–60
–50
–40
–30
–20
–10
0
2
6
5
4
3
ENCODE = 80MSPS
AIN = 69.1MHz @ –1dBFS
SNR = 73.5dB
SFDR = 89.0dBc
5
0
101520253035
40
Figure 7. Single Tone @ 69.1 MHz
FREQUENCY (MHz)
–130
–120
–110
–100
–90
–80
–70
–60
–50
–40
–30
–20
–10
0
2
6
5
4
3
ENCODE = 80MSPS
AIN = 150MHz @ –1dBFS
SNR = 73.0dB
SFDR = 70.0dBc
5
0
10152025303540
Figure 8. Single Tone @ 150 MHz
FREQUENCY (MHz)
–130
–120
–110
–100
–90
–80
–70
–60
–50
–40
–30
–20
–10
0
2
6
5
4
3
ENCODE = 80MSPS
AIN = 200MHz @ –1dBFS
SNR = 72.0dB
SFDR = 64.0dBc
5
0
10152025303540
Figure 9. Single Tone @ 200 MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com