Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD6645 Datasheet(PDF) 12 Page - Analog Devices

Part # AD6645
Description  14-Bit, 80 MSPS/105 MSPS A/D Converter
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD6645 Datasheet(HTML) 12 Page - Analog Devices

Back Button AD6645 Datasheet HTML 8Page - Analog Devices AD6645 Datasheet HTML 9Page - Analog Devices AD6645 Datasheet HTML 10Page - Analog Devices AD6645 Datasheet HTML 11Page - Analog Devices AD6645 Datasheet HTML 12Page - Analog Devices AD6645 Datasheet HTML 13Page - Analog Devices AD6645 Datasheet HTML 14Page - Analog Devices AD6645 Datasheet HTML 15Page - Analog Devices AD6645 Datasheet HTML 16Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 24 page
background image
AD6645
Rev. D | Page 12 of 24
FREQUENCY (MHz)
–130
–120
–110
–100
–90
–80
–70
–60
–50
–40
–30
–20
–10
0
5
3
2
6
4
ENCODE = 80.0MSPS
AIN = 30.5MHz @ –29.5dBFS
NO DITHER
5
0
101520
25303540
Figure 22. 1 M Sample FFT Without Dither
ANALOG INPUT LEVEL (dBFS)
0
10
20
30
40
50
60
70
80
90
100
110
90
80
70
60
50
40
30
20
10
0
SFDR = 90dB
REFERENCE LINE
ENCODE = 80.0MSPS
AIN = 30.5MHz
NO DITHER
Figure 23. SFDR Without Dither
FREQUENCY (MHz)
–130
–120
–110
–100
–90
–80
–70
–60
–50
–40
–30
–20
–10
0
2
6
5
4
3
ENCODE = 76.8MSPS
AIN = 69.1MHz @ –1dBFS
SNR = 73.5dB
SFDR = 89.0dBc
5
0
10152025303540
Figure 24. Single Tone @ 69.1 MHz, Encode = 76.8 MSPS
FREQUENCY (MHz)
–130
–120
–110
–100
–90
–80
–70
–60
–50
–40
–30
–20
–10
0
5
3
2
6
4
5
0
10152025303540
ENCODE = 80.0MSPS
AIN = 30.5MHz @ –29.5dBFS
WITH DITHER @ –19.2 dBm
Figure 25. 1 M Sample FFT with Dither
ANALOG INPUT LEVEL (dBFS)
0
10
20
30
40
50
60
70
80
90
100
110
–90
–80
–70
–60
–50
–40
–30
–20
–10
0
SFDR = 90dB
REFERENCE LINE
SFDR = 100dB
REFERENCE LINE
ENCODE = 80.0MSPS
AIN = 30.5MHz
WITH DITHER @ –19.2dBm
Figure 26. SFDR with Dither
FREQUENCY (MHz)
–130
–120
–110
–100
–90
–80
–70
–60
–50
–40
–30
–20
–10
0
2
6
5
4
3
ENCODE = 76.8MSPS
AIN = W-CDMA @ 69.1MHz
0
5
10
15
20
25
30
35
40
Figure 27. W-CDMA Tone @ 69.1 MHz, Encode = 76.8 MSPS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com