Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM29BDS323D Datasheet(PDF) 22 Page - Advanced Micro Devices

Part # AM29BDS323D
Description  32 Megabit (2 M x 16-Bit) CMOS 1.8 Volt-only Simultaneous Read/Write, Burst Mode Flash Memory
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM29BDS323D Datasheet(HTML) 22 Page - Advanced Micro Devices

Back Button AM29BDS323D Datasheet HTML 18Page - Advanced Micro Devices AM29BDS323D Datasheet HTML 19Page - Advanced Micro Devices AM29BDS323D Datasheet HTML 20Page - Advanced Micro Devices AM29BDS323D Datasheet HTML 21Page - Advanced Micro Devices AM29BDS323D Datasheet HTML 22Page - Advanced Micro Devices AM29BDS323D Datasheet HTML 23Page - Advanced Micro Devices AM29BDS323D Datasheet HTML 24Page - Advanced Micro Devices AM29BDS323D Datasheet HTML 25Page - Advanced Micro Devices AM29BDS323D Datasheet HTML 26Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 44 page
background image
22
Am29BDS323D
P R E L I M INARY
RDY: Ready
The RDY is a dedicated output that indicates (when at
logic low) the system should wait 1 clock cycle before
expecting the next word of data.
RDY functions only while reading data in burst mode.
Three conditions may cause the RDY output to be low:
during the initial access (in burst mode) when PS is
enabled; after the boundary that occurs every 64 words
beginning at address 00000h; and when the clock fre-
quency is less than 6 MHz (in which case RDY is low
every third clock).
DQ6: Toggle Bit I
Toggle Bit I on DQ6 indicates whether an Embedded
Program or Erase algorithm is in progress or complete,
or whether the device has entered the Erase Suspend
mode. Toggle Bit I may be read at any address in the
same bank, and is valid after the rising edge of the final
WE# pulse in the command sequence (prior to the
program or erase operation), and during the sector
erase time-out.
During an Embedded Program or Erase algorithm
operation, successive read cycles to any address
cause DQ6 to toggle. Note that OE# must be low during
toggle bit status reads. When the operation is com-
plete, DQ6 stops toggling.
After an erase command sequence is written, if all
sectors selected for erasing are protected, DQ6
toggles for approximately 100 µs, then returns to
reading array data. If not all selected sectors are pro-
tected, the Embedded Erase algorithm erases the
unprotected sectors, and ignores the selected sectors
that are protected.
Note that the host system must wait 200 µs after the
last sector erase command to obtain status information
if the first status read is in a different bank than the last
sector selected for erasure. For example, if sector 0,
which is in bank B, was the last sector selected for era-
sure, and the host system requests its first status read
from sector 71, which is in bank A, then the device
requires 200 µs before status information will be avail-
able.
The system can use DQ6 and DQ2 together to deter-
mine whether a sector is actively erasing or is
erase-suspended. When the device is actively erasing
(that is, the Embedded Erase algorithm is in progress),
DQ6 toggles. When the device enters the Erase
Suspend mode, DQ6 stops toggling. However, the
system must also use DQ2 to determine which sectors
are erasing or erase-suspended. Alternatively, the
system can use DQ7 (see the subsection on DQ7:
Data# Polling).
If a program address falls within a protected sector,
DQ6 toggles for approximately 1
µs after the program
command sequence is written, then returns to reading
array data.
DQ6 also toggles during the erase-suspend-program
mode, and stops toggling once the Embedded
Program algorithm is complete.
See the following for additional information: Figure 4
(toggle bit flowchart), DQ6: Toggle Bit I (description),
Figure 16 (toggle bit timing diagram), and Table 5
(compares DQ2 and DQ6).
Figure 4.
Toggle Bit Algorithm
START
No
Yes
Yes
DQ5 = 1?
No
Yes
DQ6 = Toggle?
No
Read Byte
(DQ0-DQ7)
Address = VA
DQ6 = Toggle?
Read Byte Twice
(DQ 0-DQ7)
Adrdess = VA
Read Byte
(DQ0-DQ7)
Address = VA
FAIL
PASS
Note: The system should recheck the toggle bit even if DQ5
= “1” because the toggle bit may stop toggling as DQ5
changes to “1.” See the subsections on DQ6 and DQ2 for
more information.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com