Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM29BDS323D Datasheet(PDF) 10 Page - Advanced Micro Devices

Part # AM29BDS323D
Description  32 Megabit (2 M x 16-Bit) CMOS 1.8 Volt-only Simultaneous Read/Write, Burst Mode Flash Memory
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM29BDS323D Datasheet(HTML) 10 Page - Advanced Micro Devices

Back Button AM29BDS323D Datasheet HTML 6Page - Advanced Micro Devices AM29BDS323D Datasheet HTML 7Page - Advanced Micro Devices AM29BDS323D Datasheet HTML 8Page - Advanced Micro Devices AM29BDS323D Datasheet HTML 9Page - Advanced Micro Devices AM29BDS323D Datasheet HTML 10Page - Advanced Micro Devices AM29BDS323D Datasheet HTML 11Page - Advanced Micro Devices AM29BDS323D Datasheet HTML 12Page - Advanced Micro Devices AM29BDS323D Datasheet HTML 13Page - Advanced Micro Devices AM29BDS323D Datasheet HTML 14Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 44 page
background image
10
Am29BDS323D
P R E L I M INARY
after the rising edge of each successive clock cycle,
which automatically increments the internal address
counter. Note that the device has a fixed internal
address boundary that occurs every 64 words,
starting at address 00000h. During the time the
device is outputting the 64th word (address 0003Fh,
0007Fh, 000BFh, etc.), a one cycle latency occurs
before data appears for the next address (address
00040h, 00080h, 000C0h, etc.). The RDY output indi-
cates this condition to the system by pulsing low. See
Figure 17.
The device will continue to output sequential burst
data, wrapping around to address 00000h after it
reaches the highest addressable memory location,
until the system asserts CE# high, RESET# low, or
AVD# low in conjunction with a new address. See Table
1. The reset command does not terminate the burst
read operation.
If the host system crosses the bank boundary while
reading in burst mode, and the device is not program-
ming or erasing, a one cycle latency will occur as
described above. If the host system crosses the bank
boundary while the device is programming or erasing,
the device will provide asynchronous read status infor-
mation. The clock will be ignored. After the host has
completed status reads, or the device has completed
the program or erase operation, the host can restart a
burst operation using a new address and AVD# pulse.
If the clock frequency is less than 6 MHz during a burst
mode operation, additional latencies will occur. RDY
indicates the length of the latency by pulsing low.
Programmable Wait State
The programmable wait state feature indicates to the
device the number of additional clock cycles that must
elapse after AVD# is driven active before data will be
available. Upon power up, the device defaults to the
maximum of seven total cycles. The total number of
wait states is programmable from four to seven cycles.
See Figure 20.
Power Saving Function
The Power Save function reduces the amount of
switching on the data output bus by changing the
minimum number of bits possible, thereby reducing
power consumption. This function is active only during
burst mode operations.
The device compares the word previously output to the
system with the new word to be output. If the number of
bits to be switched is 0–8 (less than half the bus width),
the device simply outputs the new word on the data
bus. If, however, the number of bits that must be
switched is 9 or higher, the data is inverted before being
output on the data bus. This effectively limits the
maximum number of bits that are switched for any
given read cycle to eight. The device indicates to the
system whether or not the data is inverted via the PS
(power saving) output. If the word on the data bus is not
inverted, PS = VOL; if the word on the data bus is
inverted, PS = VOH.
During initial power up the PS function is disabled. To
enable the PS function, the system must write the
Enable PS command sequence to the flash device (see
the Command Definitions table).
When the PS function is enabled, one additional clock
cycle is inserted during the initial and second access of
a burst sequence. See Figure 18. The RDY output indi-
cates this condition to the system.
The device is also capable of receiving inverted data
during program operations. The host system must indi-
cate to the device via the PS input whether or not the
program data are inverted. PS must be driven to VIH for
inverted data, or to VIL for non-inverted data.
To disable the PS function, the system must hardware
reset the device (drive the RESET# input low).
Simultaneous Read/Write Operations with
Zero Latency
This device is capable of reading data from one bank
of memory while programming or erasing in the other
bank of memory. An erase operation may also be sus-
pended to read from or program to another location
within the same bank (except the sector being
erased). Figure 21 shows how read and write cycles
may be initiated for simultaneous operation with zero
latency. Refer to the DC Characteristics table for
read-while-program and read-while-erase current
specifications.
Writing Commands/Command Sequences
The device has inputs/outputs that accept both ad-
dress and data information. To write a command or
command sequence (which includes programming
data to the device and erasing sectors of memory), the
system must drive CLK, AVD# and CE# to VIL, and
OE# to VIH when providing an address to the device,
and drive CLK, WE# and CE# to VIL, and OE# to VIH.
when writing commands or data.
The device features an Unlock Bypass mode to facili-
tate faster programming. Once a bank enters the
Unlock Bypass mode, only two write cycles are re-
quired to program a word, instead of four.
An erase operation can erase one sector, multiple sec-
tors, or the entire device. Table 2 indicates the address
space that each sector occupies. The device address
space is divided into two banks: Bank A contains the
boot/parameter sectors, and Bank B contains the
larger, code sectors of uniform size. A “bank address”
is the address bits required to uniquely select a bank.
Similarly, a “sector address” is the address bits re-
quired to uniquely select a sector.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com