Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM29BDS323D Datasheet(PDF) 31 Page - Advanced Micro Devices

Part # AM29BDS323D
Description  32 Megabit (2 M x 16-Bit) CMOS 1.8 Volt-only Simultaneous Read/Write, Burst Mode Flash Memory
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM29BDS323D Datasheet(HTML) 31 Page - Advanced Micro Devices

Back Button AM29BDS323D Datasheet HTML 27Page - Advanced Micro Devices AM29BDS323D Datasheet HTML 28Page - Advanced Micro Devices AM29BDS323D Datasheet HTML 29Page - Advanced Micro Devices AM29BDS323D Datasheet HTML 30Page - Advanced Micro Devices AM29BDS323D Datasheet HTML 31Page - Advanced Micro Devices AM29BDS323D Datasheet HTML 32Page - Advanced Micro Devices AM29BDS323D Datasheet HTML 33Page - Advanced Micro Devices AM29BDS323D Datasheet HTML 34Page - Advanced Micro Devices AM29BDS323D Datasheet HTML 35Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 44 page
background image
Am29BDS323D
31
P R E L I M INARY
AC CHARACTERISTICS
Erase/Program Operations
Notes:
1. Not 100% tested.
2. See the “Erase and Programming Performance” section for more information.
3. Does not include the preprogramming time.
Parameter
Description
11A
Unit
JEDEC
Standard
tAVAV
tWC
Write Cycle Time (Note 1)
Min
100
ns
tAVWL
tAS
Address Setup Time
Min
5
ns
tWLAX
tAH
Address Hold Time
Min
7
ns
tAVDP
AVD# Low Time
Min
12
ns
tDVWH
tDS
Data Setup Time
Min
50
ns
tWHDX
tDH
Data Hold Time
Min
0
ns
tGHWL
tGHWL
Read Recovery Time Before Write
Typ
0
ns
tELWL
tCS
CE# Setup Time
Typ
0
ns
tWHEH
tCH
CE# Hold Time
Typ
0
ns
tWLWH
tWP/tWRL
Write Pulse Width
Typ
60
ns
tWHWL
tWPH
Write Pulse Width High
Typ
30
ns
tSR/W
Latency Between Read and Write Operations
Min
0
ns
tWHWH1
tWHWH1
Programming Operation (Note 2)
Typ
11.5
µs
tWHWH1
tWHWH1
Accelerated Programming Operation (Note 2)
Typ
4
µs
tWHWH2
tWHWH2
Sector Erase Operation (Notes 2, 3)
Typ
1.5
sec
tVPP
VPP Rise and Fall Time
Min
500
ns
tVPS
VPP Setup Time (During Accelerated Programming)
Min
1
µs
tVCS
VCC Setup Time
Min
50
µs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com