Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM29BDS323D Datasheet(PDF) 11 Page - Advanced Micro Devices

Part # AM29BDS323D
Description  32 Megabit (2 M x 16-Bit) CMOS 1.8 Volt-only Simultaneous Read/Write, Burst Mode Flash Memory
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM29BDS323D Datasheet(HTML) 11 Page - Advanced Micro Devices

Back Button AM29BDS323D Datasheet HTML 7Page - Advanced Micro Devices AM29BDS323D Datasheet HTML 8Page - Advanced Micro Devices AM29BDS323D Datasheet HTML 9Page - Advanced Micro Devices AM29BDS323D Datasheet HTML 10Page - Advanced Micro Devices AM29BDS323D Datasheet HTML 11Page - Advanced Micro Devices AM29BDS323D Datasheet HTML 12Page - Advanced Micro Devices AM29BDS323D Datasheet HTML 13Page - Advanced Micro Devices AM29BDS323D Datasheet HTML 14Page - Advanced Micro Devices AM29BDS323D Datasheet HTML 15Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 44 page
background image
Am29BDS323D
11
P R E L I M INARY
ICC2 in the DC Characteristics table represents the ac-
tive current specification for the write mode. The AC
Characteristics section contains timing specification
tables and timing diagrams for write operations.
Accelerated Program Operation
The device offers accelerated program operations
through VPP. This function is primarily intended to
allow faster manufacturing throughput at the factory. If
the system asserts VID on this input, the device auto-
matically enters the aforementioned Unlock Bypass
mode, temporarily unprotects any protected sectors,
and uses the higher voltage on the input to reduce the
time required for program operations. The system
would use a two-cycle program command sequence
as required by the Unlock Bypass mode. Removing
VID from the VPP input returns the device to normal op-
eration. Note that sectors must be unlocked using the
Sector Lock/Unlock command sequence prior to rais-
ing VPP to VID.
Autoselect Functions
If the system writes the autoselect command se-
quence, the device enters the autoselect mode. The
system can then read autoselect codes from the inter-
nal register (which is separate from the memory array)
on DQ7–DQ0. Standard read cycle timings apply in
this mode. Refer to the Autoselect Functions and Au-
toselect Command Sequence sections for more
information.
Standby Mode
When the system is not reading or writing to the de-
vice, it can place the device in the standby mode. In
this mode, current consumption is greatly reduced,
and the outputs are placed in the high impedance
state, independent of the OE# input.
The device enters the CMOS standby mode when the
CE# and RESET# inputs are both held at VCC ± 0.2 V.
The device requires standard access time (tCE) for
read access when the device is in either of these
standby modes, before it is ready to read data.
If the device is deselected during erasure or program-
ming, the device draws active current until the
operation is completed.
ICC3 in the DC Characteristics table represents the
standby current specification.
Automatic Sleep Mode
The automatic sleep mode minimizes Flash device en-
ergy consumption. The device automatically enables
this mode when addresses remain stable for tACC +
60 ns. The automatic sleep mode is independent of
the CE#, WE#, and OE# control signals. Standard ad-
dr es s a c ce ss ti mi ngs pr ov i de ne w dat a whe n
addresses are changed. While in sleep mode, output
data is latched and always available to the system.
ICC4 in the DC Characteristics table represents the
automatic sleep mode current specification.
RESET#: Hardware Reset Input
The RESET# input provides a hardware method of re-
setting the device to reading array data. When
RESET# is driven low for at least a period of tRP, the
device immediately terminates any operation in
prog ress, trista tes all out puts, an d ign ores all
read/write commands for the duration of the RESET#
pulse. The device also resets the internal state ma-
chine to reading array data. The operation that was
interrupted should be reinitiated once the device is
ready to accept another command sequence, to en-
sure data integrity.
Current is reduced for the duration of the RESET#
pulse. When RESET# is held at VSS±0.2 V, the device
draws CMOS standby current (ICC4). If RESET# is
held at VIL but not within VSS±0.2 V, the standby cur-
rent will be greater.
RESET# may be tied to the system reset circuitry. A
system reset would thus also reset the Flash memory,
enabling the system to read the boot-up firmware from
the Flash memory. Note that RESET# must be as-
ser t ed low dur ing devi ce power- up for proper
operation.
If RESET# is asserted during a program or erase op-
eration, the device requires a time of tREADY (during
Embedded Algorithms) before the device is ready to
read data again. If RESET# is asserted when a pro-
gram or erase operation is not executing, the reset
operation is completed within a time of tREADY (not
during Embedded Algorithms). The system can read
data tRH after RESET# returns to VIH.
Refer to the AC Characteristics tables for RESET# pa-
rameters and to Figure 11 for the timing diagram.
Output Disable Mode
When the OE# input is at VIH, output from the device
is disabled. The outputs are placed in the high
impedance state.
Hardware Data Protection
The command sequence requirement of unlock cycles
for programming or erasing provides data protection
against inadvertent writes (refer to Table 4 for com-
mand definitions).
The device offers three types of data protection at the
sector level:
s The sector lock/unlock command sequence dis-
ables or re-enables both program and erase opera-
tions in any sector.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com