Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9549APCBZ Datasheet(PDF) 51 Page - Analog Devices

Part # AD9549APCBZ
Description  Dual Input Network Clock Generator/Synchronizer
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9549APCBZ Datasheet(HTML) 51 Page - Analog Devices

Back Button AD9549APCBZ Datasheet HTML 47Page - Analog Devices AD9549APCBZ Datasheet HTML 48Page - Analog Devices AD9549APCBZ Datasheet HTML 49Page - Analog Devices AD9549APCBZ Datasheet HTML 50Page - Analog Devices AD9549APCBZ Datasheet HTML 51Page - Analog Devices AD9549APCBZ Datasheet HTML 52Page - Analog Devices AD9549APCBZ Datasheet HTML 53Page - Analog Devices AD9549APCBZ Datasheet HTML 54Page - Analog Devices AD9549APCBZ Datasheet HTML 55Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 76 page
background image
AD9549
Rev. D | Page 51 of 76
Addr
(Hex)
Type1
Name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
BIt 2
Bit 1
Bit 0
Default
(Hex)
0x030E
RO
HFTW
Average or instantaneous FTW, Bits[47:0]
(read only)
LSB: Register 0x030E
(An I/O update is required to refresh these registers.)
N/A
0x030F
RO
N/A
0x0310
RO
N/A
0x0311
RO
N/A
0x0312
RO
N/A
0x0313
RO
N/A
0x0314
M
Phase lock
Phase lock detect threshold, Bits[31:0]
0xFF
0x0315
M
0x00
0x0316
M
0x00
0x0317
M
0x00
0x0318
M
Phase unlock watchdog timer,
Bits[2:0]
Phase lock watchdog timer, Bits[4:0]
0xFF
0x0319
M
Frequency
lock
Frequency lock detect threshold, Bits[31:0]
0x00
0x031A
M
0x00
0x031B
M
0x00
0x031C
M
0x00
0x031D
M
Frequency unlock watchdog timer,
Bits[2:0]
Frequency lock watchdog timer, Bits[4:0]
0xFF
0x031E
M
Loss of
reference
REFA LOR divider, Bits[15:0]
0xFF
0x031F
M
0xFF
0x0320
M
REFB LOR divider, Bits[15:0]
0xFF
0x0321
M
0xFF
0x0322
M
Reference
out of
limits
REFA OOL divider, Bits[15:0]
0x00
0x0323
M
0x00
0x0324
M
REFA OOL upper limit, Bits[31:0]
0xFF
0x0325
M
0xFF
0x0326
M
0xFF
0x0327
M
0xFF
0x0328
M
REFA OOL lower limit, Bits[31:0]
0x00
0x0329
M
0x00
0x032A
M
0x00
0x032B
M
0x00
0x032C
M
REFB OOL divider, Bits[15:0]
0x00
0x032D
M
0x00
0x032E
M
REFB OOL upper limit, Bits[31:0]
0xFF
0x032F
M
0xFF
0x0330
M
0xFF
0x0331
M
0xFF
0x0332
M
REFB OOL lower limit, Bits[31:0]
0x00
0x0333
M
0x00
0x0334
M
0x00
0x0335
M
0x00



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com