Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9549APCBZ Datasheet(PDF) 73 Page - Analog Devices

Part # AD9549APCBZ
Description  Dual Input Network Clock Generator/Synchronizer
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9549APCBZ Datasheet(HTML) 73 Page - Analog Devices

Back Button AD9549APCBZ Datasheet HTML 68Page - Analog Devices AD9549APCBZ Datasheet HTML 69Page - Analog Devices AD9549APCBZ Datasheet HTML 70Page - Analog Devices AD9549APCBZ Datasheet HTML 71Page - Analog Devices AD9549APCBZ Datasheet HTML 72Page - Analog Devices AD9549APCBZ Datasheet HTML 73Page - Analog Devices AD9549APCBZ Datasheet HTML 74Page - Analog Devices AD9549APCBZ Datasheet HTML 75Page - Analog Devices AD9549APCBZ Datasheet HTML 76Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 73 / 76 page
background image
AD9549
Rev. D | Page 73 of 76
APPLICATIONS INFORMATION
SAMPLE APPLICATIONS CIRCUIT
CLK
CLKB
SYNCB
LOW-PASS
FILTER
AD9514
/1...../32
/1...../32
/1...../32
Δt
OUT0/
OUT0B
OUT1/
OUT1B
OUT2/
OUT2B
SYSCLK
INPUT A
INPUT B
AD9549
DDS/
DAC
REF A
REF B
DIFF HSTL OUTPUT
FDBK_IN
FDBK_INB
CMOS OUTPUT
LDDS/CMOS
LVPECL
LVPECL
Figure 59. AD9549 and AD9514 Precision Clock Distribution Circuit
Applications Circuit Features
Features of this applications circuit include the following:
Input frequencies down to 8 kHz; output frequencies up to
400 MHz
Programmable loop bandwidth down to <1 Hz
Automatic redundant clock switchover with user-selectable
rate-of-phase adjustment
Automatic Stratum 3/3E clock holdover, depending on the
configuration
Phase noise (fC = 122.3 MHz and 100 Hz loop bandwidth);
100 Hz offset: −107 dBc/Hz; 1 kHz offset: −142 dBc/Hz;
100 kHz offset: −157 dBc/Hz; two zero-delay outputs with
programmable postdivider and synchronization
Two additional outputs (nonzero delay) on the AD9549
Programmable skew adjustment on one AD9514 output



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com