Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9549APCBZ Datasheet(PDF) 65 Page - Analog Devices

Part # AD9549APCBZ
Description  Dual Input Network Clock Generator/Synchronizer
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9549APCBZ Datasheet(HTML) 65 Page - Analog Devices

Back Button AD9549APCBZ Datasheet HTML 61Page - Analog Devices AD9549APCBZ Datasheet HTML 62Page - Analog Devices AD9549APCBZ Datasheet HTML 63Page - Analog Devices AD9549APCBZ Datasheet HTML 64Page - Analog Devices AD9549APCBZ Datasheet HTML 65Page - Analog Devices AD9549APCBZ Datasheet HTML 66Page - Analog Devices AD9549APCBZ Datasheet HTML 67Page - Analog Devices AD9549APCBZ Datasheet HTML 68Page - Analog Devices AD9549APCBZ Datasheet HTML 69Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 76 page
background image
AD9549
Rev. D | Page 65 of 76
Register 0x0305—IRQ Mask (Continued)
Table 77.
Bits
Bit Name
Description
4
Frequency estimator done
Trigger IRQ when the frequency estimator is done.
3
Phase unlock
Trigger IRQ on falling edge of phase lock signal.
2
Phase lock
Trigger IRQ on rising edge of phase lock signal.
1
Frequency unlock
Trigger IRQ on falling edge of frequency lock signal.
0
Frequency lock
Trigger IRQ on rising edge of frequency lock signal.
Register 0x0306—IRQ Mask (Continued)
Table 78.
Bits
Bit Name
Description
[7:6]
Reserved
Reserved.
5
REFA valid
Trigger IRQ on rising edge of Reference A’s valid.
4
!REFA valid
Trigger IRQ on falling edge of Reference A’s valid.
3
REFA LOR
Trigger IRQ on rising edge of Reference A’s LOR.
2
!REFA LOR
Trigger IRQ on falling edge of Reference A’s LOR.
1
REFA OOL
Trigger IRQ on rising edge of Reference A’s OOL.
0
!REFA OOL
Trigger IRQ on falling edge of Reference A’s OOL.
Register 0x0307—IRQ Mask (Continued)
Table 79.
Bits
Bit Name
Description
[7:6]
Reserved
Reserved.
5
REFB valid
Trigger IRQ on rising edge of Reference B’s valid.
4
!REFB valid
Trigger IRQ on falling edge of Reference B’s valid.
3
REFB LOR
Trigger IRQ on rising edge of Reference B’s LOR.
2
!REFB LOR
Trigger IRQ on falling edge of Reference B’s LOR.
1
REFB OOL
Trigger IRQ on rising edge of Reference B’s OOL.
0
!REFB OOL
Trigger IRQ on falling edge of Reference B’s OOL.
Register0x0308—S1 Pin Configuration
See the Status and Warnings section. The choice of input for a given pin must be all REFA or all REFB and not a combination of both.
Table 80.
Bits
Bit Name
Description
7
REF?
Choose either REFA (0) or REFB (1) for use with Bits [4:6].
6
REF? LOR
Select either REFA (0) or REFB (1) LOR signal for output on this pin.
5
REF? OOL
Select either REFA (0) or REFB (1) OOL signal for output on this pin.
4
REF? not valid
Select either REFA (0) or REFB (1). Not Valid signal for output on this pin.
3
Phase lock
Select phase lock signal for output on this pin.
2
Frequency lock
Select frequency lock signal for output on this pin.
1
Reserved
Reserved.
0
IRQ
Select IRQ signal for output on this pin.
Register 0x0309—S2 Pin Configuration
Same as Register 0x0308, except applies to Pin S2. See Table 80.
Register 0x030A—S3 Pin Configuration
Same as Register 0x0308, except applies to Pin S3. See Table 80.
Register 0x030B—S4 Pin Configuration
Same as Register 0x0308, except applies to Pin S4. See Table 80.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com