Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9549APCBZ Datasheet(PDF) 54 Page - Analog Devices

Part # AD9549APCBZ
Description  Dual Input Network Clock Generator/Synchronizer
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9549APCBZ Datasheet(HTML) 54 Page - Analog Devices

Back Button AD9549APCBZ Datasheet HTML 50Page - Analog Devices AD9549APCBZ Datasheet HTML 51Page - Analog Devices AD9549APCBZ Datasheet HTML 52Page - Analog Devices AD9549APCBZ Datasheet HTML 53Page - Analog Devices AD9549APCBZ Datasheet HTML 54Page - Analog Devices AD9549APCBZ Datasheet HTML 55Page - Analog Devices AD9549APCBZ Datasheet HTML 56Page - Analog Devices AD9549APCBZ Datasheet HTML 57Page - Analog Devices AD9549APCBZ Datasheet HTML 58Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 54 / 76 page
background image
AD9549
Rev. D | Page 54 of 76
Register 0x0011—Reserved
Register 0x0012—Reset (Autoclear)
To reset the entire chip, the user can also use the (nonself-clearing) soft reset bit in Register 0x0000. Except for IRQ reset, the user normally
would not need to use this bit. However, if the user attempts to lock the loop for the first time when no signal is present, the user should
write 1 to Bits[4:0] of this register before attempting to lock the loop again.
Table 18.
Bits
Bit Name
Description
7
History reset
Setting this bit clears the FTW monitor and pipeline.
6
Reserved
Reserved.
5
IRQ reset
Clear IRQ signal and IRQ status monitor.
4
FPFD reset
Fine phase frequency detector reset.
3
CPFD reset
Coarse phase frequency detector reset.
2
LF reset
Loop filter reset.
1
CCI reset
Cascaded comb integrator reset.
0
DDS reset
Direct digital synthesis reset.
Register 0x0013—Reset (Continued) (Not Autoclear)
Table 19.
Bits
Bit Name
Description
7
PD fund DDS
Setting this bit powers down the DDS fundamental output but does not power down the spurs. It is used
during tuning of the spur killer circuit.
3
S-div/2 reset
Asynchronous reset for S prescaler.
2
R-div/2 reset
Asynchronous reset for R prescaler.
1
S-divider reset
Synchronous (to S-divider prescaler output) reset for integer divider.
0
R-divider reset
Synchronous (to R-divider prescaler output) reset for integer divider.
SYSTEM CLOCK (REGISTER 0x0020 TO REGISTER 0x0023)
Register 0x0020—N-Divider
Table 20.
Bits
Bit Name
Description
[4:0]
N-divider
These bits set the feedback divider for system clock PLL. There is a fixed/2 preceding this block, as well as
an offset of 2 added to this value. Therefore, setting this register to 00000 translates to an overall feedback
divider ratio of 4. See Figure 43.
Register 0x0021—Reserved
Register 0x0022—PLL Parameters
Table 21.
Bits
Bit Name
Description
7
VCO auto range
Automatic VCO range selection. Enabling this bit allows Bit 2 of this register to be set automatically.
[6:4]
Reserved
Reserved
3
2× reference
Enables a frequency doubler prior to the SYSCLK PLL and can be useful in reducing jitter induced by the
SYSCLK PLL. See Figure 42.
2
VCO range
Select low range or high range VCO.
0 = low range (700 MHz to 810 MHz).
1 = high range (900 MHz to 1000 MHz). For system clock settings between 810 MHz and 900 MHz, use the
VCO Auto Range (Bit 7) to set the correct VCO range automatically.
[1:0]
Charge pump current
Charge pump current.
00 = 250 μA.
01 = 375 μA.
10 = off.
11= 125 μA.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com