Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP1650ACPZ-R7 Datasheet(PDF) 15 Page - Analog Devices

Part # ADP1650ACPZ-R7
Description  1.5 A LED Flash Driver with I2C-Compatible Interface
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP1650ACPZ-R7 Datasheet(HTML) 15 Page - Analog Devices

Back Button ADP1650ACPZ-R7 Datasheet HTML 11Page - Analog Devices ADP1650ACPZ-R7 Datasheet HTML 12Page - Analog Devices ADP1650ACPZ-R7 Datasheet HTML 13Page - Analog Devices ADP1650ACPZ-R7 Datasheet HTML 14Page - Analog Devices ADP1650ACPZ-R7 Datasheet HTML 15Page - Analog Devices ADP1650ACPZ-R7 Datasheet HTML 16Page - Analog Devices ADP1650ACPZ-R7 Datasheet HTML 17Page - Analog Devices ADP1650ACPZ-R7 Datasheet HTML 18Page - Analog Devices ADP1650ACPZ-R7 Datasheet HTML 19Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 32 page
background image
ADP1650
Rev. C | Page 15 of 32
PROGRAMMABLE BATTERY DC CURRENT LIMIT
The ADP1650 has four optional programmable input dc current
limits that limit the maximum battery current that can be taken
over all conditions. This allows higher LED currents to be used
in a system with significant variation in LED forward voltage
(VF) and supply battery voltage without risk of the current
allocated to the flash being exceeded.
Table 8. Input DC Current Limit Setting the LED Current
Bit Name
Current Limit
IL_DC
00 = 1.5 A
01 = 1.75 A
10 = 2.0 A (default)
11 = 2.25 A
During startup of the flash, if the battery current does not reach
the dc current limit, the LED current is set to the current value
of the I_FL bits. If the battery current does hit the programmed
dc current limit on startup, the LED current does not increase
further. The dc current limit flag is set in the fault information
register. The I_FL bits in Register 0x03 are set to the actual LED
current and are available for readback.
REG 0x02, FL_TIM = XXXX ms
REG 0x03, I_FL = XXXXX mA
IL_DC_EN = 1
IL_DC = XX A
I2C DATA BUS
STROBE
ADP1650 SETS OUTPUT_EN TO 0.
ADP1650 SETS LED_MOD TO 00.
NO LIMIT LED CURRENT
ACTUAL LED CURRENT
ADP1650 SETS FL_IDC (REG 0x05) TO 1.
ADP1650 SETS I_FL TO ACTUAL LED CURRENT.
REG 0x04, OUTPUT_EN = 1
STR_LV = 1
LED_MOD = 11
Figure 35. DC Current Limit Operation in a Low Battery, High LED VF Case
The camera system shown in Figure 36 can adjust the image
sensor settings based on the known reduced LED current for a
low battery and a high VF LED.
SELECT FLASH CURRENT
SELECT MAX BATTERY CURRENT
PREFLASH STROBE
DC LIMIT HIT?
LED CURRENT =
PROGAMMED LED
CURRENT
NO
LED CURRENT =
REDUCED LED CURRENT
YES
BATTERY CURRENT =
PROGRAMMED DC LIMIT
I2C READ LED CURRENT
ADJUST IMAGE SENSOR
STROBE
STROBE
Figure 36. Use of the DC Current Limit in an Optimized Camera System
ANALOG-TO-DIGITAL CONVERTER OPERATION
The internal 4-bit analog-to-digital converter (ADC) is configura-
ble to measure the LED VF, integrated circuit (IC) die temperature,
or an external voltage using the GPIO2 pin. Read the 4-bit
resolution output code back from Register 0x08 using the I2C
interface.
INTERFACE/
CONTROL
LED_OUT
SDA
SCL
ADC_EN[1:0]
4-BIT ADC
IC TEMPERATURE
SENSOR
EN
GPIO2
ADC_VAL[5:2]
PTC
Figure 37. Available ADC Modes in the ADP1650
The ADC can perform the conversion either immediately on an
I2C command, or it can delay the conversion until the next time
the ADP1650 exits an active mode. Delayed conversion can be
useful, for example, for measuring the IC temperature at the
end of a timed flash period. To set up a delayed conversion, set
ADC_EN to the required mode while OUTPUT_EN = 0. Then
set the ADP1650 to the desired output mode (torch, flash assist
light, or 5 V output) and set OUTPUT_EN = 1. The ADC conver-
sion is performed when the ADP1650 exits the chosen mode.
To perform an immediate conversion, set ADC_EN to the
required mode during ADP1650 operation (OUTPUT_EN = 1).
Note that an ADC conversion cannot be performed when the
ADP1650 is idle. This is interpreted as an attempt to set up a
delayed conversion.
LED VF Mode
The ADC can measure the LED VF in both flash and assist/
torch modes. In torch mode, set ADC_EN = 01 to begin a
conversion. The value can be read back from the ADC_VAL[5:2]
bits 1 ms after the conversion has started. Assist/torch mode,
rather than flash mode, is best in the handset production test to
verify the LED VF.
REG 0x08, ADC_EN = 01
START CONVERSION
(INTERNAL SIGNAL)
1ms
ADC_VAL[5:2]
AVAILABLE FOR READ
I2C DATA BUS
Figure 38. ADC Timing for All Modes Except VF Measurement in Flash Mode
In flash mode, set ADC_EN = 01. The conversion happens just
before the timeout occurs; therefore, the FL_TIM bits set when
the ADC sample occurs. This allows the VF to settle from the



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com