Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP1650ACPZ-R7 Datasheet(PDF) 17 Page - Analog Devices

Part # ADP1650ACPZ-R7
Description  1.5 A LED Flash Driver with I2C-Compatible Interface
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP1650ACPZ-R7 Datasheet(HTML) 17 Page - Analog Devices

Back Button ADP1650ACPZ-R7 Datasheet HTML 13Page - Analog Devices ADP1650ACPZ-R7 Datasheet HTML 14Page - Analog Devices ADP1650ACPZ-R7 Datasheet HTML 15Page - Analog Devices ADP1650ACPZ-R7 Datasheet HTML 16Page - Analog Devices ADP1650ACPZ-R7 Datasheet HTML 17Page - Analog Devices ADP1650ACPZ-R7 Datasheet HTML 18Page - Analog Devices ADP1650ACPZ-R7 Datasheet HTML 19Page - Analog Devices ADP1650ACPZ-R7 Datasheet HTML 20Page - Analog Devices ADP1650ACPZ-R7 Datasheet HTML 21Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 32 page
background image
ADP1650
Rev. C | Page 17 of 32
VOUT = 5.0V ±8.5%, IMAX = 500mA
SHUTDOWN
VDD
OUT+
OUT–
IN+
GND
SD
AUDIO IN–
AUDIO IN+
SSM2315
80kΩ
80kΩ
160kΩ
160kΩ
BIAS
0.1µF
ADP1650
10µF
1.0µH
INPUT VOLTAGE = 2.7V TO 5.0V
PGND
SW
STROBE
10µF
LED_OUT
EN
SGND
SCL
SDA
GPIO1
GPIO2
OFF
ON
I2C BUS
SDA, SCL
EN
APPLICATIONS PROCESSOR
3.2 TO 5.0 MEGAPIXEL
CMOS IMAGE SENSOR
POWER-ON
RESET
VOUT
VIN
IN–
47nF
47nF
FET
DRIVER
POP/CLICK
SUPPRESSION
INTERNAL
OSCILLATOR
MODULATOR
(Σ-∆)
Figure 41. ADP1650 Voltage Regulation Mode: Class-D Audio Application



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com