Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP1650ACPZ-R7 Datasheet(PDF) 23 Page - Analog Devices

Part # ADP1650ACPZ-R7
Description  1.5 A LED Flash Driver with I2C-Compatible Interface
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP1650ACPZ-R7 Datasheet(HTML) 23 Page - Analog Devices

Back Button ADP1650ACPZ-R7 Datasheet HTML 19Page - Analog Devices ADP1650ACPZ-R7 Datasheet HTML 20Page - Analog Devices ADP1650ACPZ-R7 Datasheet HTML 21Page - Analog Devices ADP1650ACPZ-R7 Datasheet HTML 22Page - Analog Devices ADP1650ACPZ-R7 Datasheet HTML 23Page - Analog Devices ADP1650ACPZ-R7 Datasheet HTML 24Page - Analog Devices ADP1650ACPZ-R7 Datasheet HTML 25Page - Analog Devices ADP1650ACPZ-R7 Datasheet HTML 26Page - Analog Devices ADP1650ACPZ-R7 Datasheet HTML 27Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 32 page
background image
ADP1650
Rev. C | Page 23 of 32
Table 14. Input Control Register (Register 0x06)
Bit Name
Bit
R/W
Description
I_TX2
[7:4]
R/W
TxMASK2 operational mode foldback current
0000 = 100 mA
0001 = 150 mA
0010 = 200 mA
0011 = 250 mA
0100 = 300 mA
0101 = 350 mA
0110 = 400 mA (default)
0111 = 450 mA
1000 = 500 mA
1001 = 550 mA
1010 = 600 mA
1011 = 650 mA
1100 = 700 mA
1101 = 750 mA
1110 = 800 mA
1111 = 850 mA
I_TX1
[3:0]
R/W
TxMASK1 operational mode foldback current
0000 = 100 mA
0001 = 150 mA
0010 = 200 mA
0011 = 250 mA
0100 = 300 mA
0101 = 350 mA
0110 = 400 mA (default)
0111 = 450 mA
1000 = 500 mA
1001 = 550 mA
1010 = 600 mA
1011 = 650 mA
1100 = 700 mA
1101 = 750 mA
1110 = 800 mA
1111 = 850 mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com