Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP1650ACPZ-R7 Datasheet(PDF) 20 Page - Analog Devices

Part # ADP1650ACPZ-R7
Description  1.5 A LED Flash Driver with I2C-Compatible Interface
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP1650ACPZ-R7 Datasheet(HTML) 20 Page - Analog Devices

Back Button ADP1650ACPZ-R7 Datasheet HTML 16Page - Analog Devices ADP1650ACPZ-R7 Datasheet HTML 17Page - Analog Devices ADP1650ACPZ-R7 Datasheet HTML 18Page - Analog Devices ADP1650ACPZ-R7 Datasheet HTML 19Page - Analog Devices ADP1650ACPZ-R7 Datasheet HTML 20Page - Analog Devices ADP1650ACPZ-R7 Datasheet HTML 21Page - Analog Devices ADP1650ACPZ-R7 Datasheet HTML 22Page - Analog Devices ADP1650ACPZ-R7 Datasheet HTML 23Page - Analog Devices ADP1650ACPZ-R7 Datasheet HTML 24Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 32 page
background image
ADP1650
Rev. C | Page 20 of 32
I2C REGISTER MAP
The lowest bit number (0) represents the least significant bit, and the highest bit number (7) represents the most significant bit.
Table 9. Design Information Register (Register 0x00)
Bit
R/W
Reset State
[7:0]
R
00100010
Table 10. VREF and Timer Register (Register 0x02)
Bit Name
Bit
R/W
Description
IO2_CFG
[7:6]
R/W
GPIO2 configuration
00 = high impedance (default)
01 = indicator LED
10 = TxMASK2 operation mode
11 = analog input (to ADC)
IO1_CFG
[5:4]
R/W
GPIO1 configuration
00 = high impedance (default)
01 = torch
10 = TxMASK1 operation mode
11 = reserved
FL_TIM
[3:0]
R/W
Flash timer value setting
0000 = 100 ms
0001 = 200 ms
0010 = 300 ms
0011 = 400 ms
0100 = 500 ms
0101 = 600 ms
0110 = 700 ms
0111 = 800 ms
1000 = 900 ms
1001 = 1000 ms
1010 = 1100 ms
1011 = 1200 ms
1100 = 1300 ms
1101 = 1400 ms
1110 = 1500 ms
1111 = 1600 ms (default)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com