Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP1650ACBZ-R7 Datasheet(PDF) 5 Page - Analog Devices

Part # ADP1650ACBZ-R7
Description  1.5 A LED Flash Driver with I2C-Compatible Interface
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP1650ACBZ-R7 Datasheet(HTML) 5 Page - Analog Devices

  ADP1650ACBZ-R7 Datasheet HTML 1Page - Analog Devices ADP1650ACBZ-R7 Datasheet HTML 2Page - Analog Devices ADP1650ACBZ-R7 Datasheet HTML 3Page - Analog Devices ADP1650ACBZ-R7 Datasheet HTML 4Page - Analog Devices ADP1650ACBZ-R7 Datasheet HTML 5Page - Analog Devices ADP1650ACBZ-R7 Datasheet HTML 6Page - Analog Devices ADP1650ACBZ-R7 Datasheet HTML 7Page - Analog Devices ADP1650ACBZ-R7 Datasheet HTML 8Page - Analog Devices ADP1650ACBZ-R7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 32 page
background image
ADP1650
Rev. C | Page 5 of 32
RECOMMENDED SPECIFICATIONS: INPUT AND OUTPUT CAPACITANCE AND INDUCTANCE
Table 2.
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
CAPACITANCE
CMIN
Input
TA = −40°C to +125°C
4.0
10
μF
Output
TA = −40°C to +125°C
3.0
10
20
μF
MINIMUM AND MAXIMUM INDUCTANCE
L
TA = −40°C to +125°C
0.6
1.0
1.5
μH
I2C-COMPATIBLE INTERFACE TIMING SPECIFICATIONS
Table 3.
Parameter1
Min
Max
Unit
Description
fSCL
400
kHz
SCL clock frequency
tHIGH
0.6
μs
SCL high time
tLOW
1.3
μs
SCL low time
tSU, DAT
100
ns
Data setup time
tHD, DAT
0
0.9
μs
Data hold time
tSU, STA
0.6
μs
Setup time for repeated start
tHD, STA
0.6
μs
Hold time for start/repeated start
tBUF
1.3
μs
Bus free time between a stop and a start condition
tSU, STO
0.6
μs
Setup time for stop condition
tR
20 + 0.1 CB2
300
ns
Rise time of SCL and SDA
tF
20 + 0.1 CB2
300
ns
Fall time of SCL and SDA
tSP
0
50
ns
Pulse width of suppressed spike
CB2
400
pF
Capacitive load for each bus line
1 Guaranteed by design.
2 CB is the total capacitance of one bus line in picofarads.
SDA
SCL
S
S = START CONDITION
Sr = REPEATED START CONDITION
P = STOP CONDITION
Sr
P
S
tLOW
tR
tHD, DAT
tHIGH
tSU, DAT
tF
tF
tSU, STA
tHD, STA
tSP
tSU, STO
tBUF
tR
Figure 3. I2C-Compatible Interface Timing Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com