Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP1650ACBZ-R7 Datasheet(PDF) 6 Page - Analog Devices

Part # ADP1650ACBZ-R7
Description  1.5 A LED Flash Driver with I2C-Compatible Interface
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP1650ACBZ-R7 Datasheet(HTML) 6 Page - Analog Devices

Back Button ADP1650ACBZ-R7 Datasheet HTML 2Page - Analog Devices ADP1650ACBZ-R7 Datasheet HTML 3Page - Analog Devices ADP1650ACBZ-R7 Datasheet HTML 4Page - Analog Devices ADP1650ACBZ-R7 Datasheet HTML 5Page - Analog Devices ADP1650ACBZ-R7 Datasheet HTML 6Page - Analog Devices ADP1650ACBZ-R7 Datasheet HTML 7Page - Analog Devices ADP1650ACBZ-R7 Datasheet HTML 8Page - Analog Devices ADP1650ACBZ-R7 Datasheet HTML 9Page - Analog Devices ADP1650ACBZ-R7 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 32 page
background image
ADP1650
Rev. C | Page 6 of 32
ABSOLUTE MAXIMUM RATINGS
Table 4.
Parameter
Rating
VIN, SDA, SCL, EN, GPIO1, GPIO2, STROBE,
LED_OUT, SW, VOUT to Power Ground
−0.3 V to +6 V
PGND to SGND
−0.3 V to +0.3 V
Ambient Temperature Range (TA)
−40°C to +85°C
Junction Temperature Range (TJ)
−40°C to +125°C
Storage Temperature
JEDEC J-STD-020
ESD Human Body Model
±2000 V
ESD Charged Device Model
±500 V
ESD Machine Model
±150 V
Stresses above those listed under Absolute Maximum Ratings
may cause permanent damage to the device. This is a stress
rating only; functional operation of the device at these or any
other conditions above those indicated in the operational
section of this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect
device reliability.
THERMAL DATA
The ADP1650 may be damaged if the junction temperature
limits are exceeded. Monitoring TA does not guarantee that TJ
is within the specified temperature limits. In applications with
high power dissipation and poor thermal resistance, the maximum
TA may have to be derated. In applications with moderate power
dissipation and low PCB thermal resistance, the maximum TA
can exceed the maximum limit as long as the TJ is within speci-
fication limits. TJ of the device is dependent on the TA, the power
dissipation (PD) of the device, and the junction-to-ambient
thermal resistance (θJA) of the package. Maximum TJ is
calculated from the TA and PD using the following formula:
TJ = TA + (PD × θJA)
THERMAL RESISTANCE
θJA of the package is based on modeling and calculation using
a 4-layer board. θJA is highly dependent on the application and
board layout. In applications where high maximum power dissi-
pation exists, attention to thermal board design is required. The
value of θJA may vary, depending on PCB material, layout, and
environmental conditions. The specified value of θJA is based
on a 4-layer, 4 in × 3 in, 2 ½ oz copper board, per JEDEC
standards. For more information, see the AN-617 Application
Note, MicroCSP™ Wafer Level Chip Scale Package.
θJA is specified for a device mounted on a JEDEC 2S2P PCB.
Table 5. Thermal Resistance
Package Type
θJA
Unit
12-Ball WLCSP
75
°C/W
10-Lead LFCSP
42.5
°C/W
ESD CAUTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com