Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP1650ACBZ-R7 Datasheet(PDF) 1 Page - Analog Devices

Part # ADP1650ACBZ-R7
Description  1.5 A LED Flash Driver with I2C-Compatible Interface
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP1650ACBZ-R7 Datasheet(HTML) 1 Page - Analog Devices

  ADP1650ACBZ-R7 Datasheet HTML 1Page - Analog Devices ADP1650ACBZ-R7 Datasheet HTML 2Page - Analog Devices ADP1650ACBZ-R7 Datasheet HTML 3Page - Analog Devices ADP1650ACBZ-R7 Datasheet HTML 4Page - Analog Devices ADP1650ACBZ-R7 Datasheet HTML 5Page - Analog Devices ADP1650ACBZ-R7 Datasheet HTML 6Page - Analog Devices ADP1650ACBZ-R7 Datasheet HTML 7Page - Analog Devices ADP1650ACBZ-R7 Datasheet HTML 8Page - Analog Devices ADP1650ACBZ-R7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 32 page
background image
1.5 A LED Flash Driver with
I2C-Compatible Interface
ADP1650
Rev. C
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityis assumedbyAnalogDevicesforitsuse,norforanyinfringements of patents or other
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.461.3113
©2010–2011 Analog Devices, Inc. All rights reserved.
FEATURES
Ultracompact solution
Small, 2 mm × 1.5 mm, 12-ball WLCSP package
Thin, 3 mm × 3 mm × 0.75 mm, 10-lead LFCSP package
Smallest footprint, 1 mm height, 1 μH power inductor
LED current source for local LED grounding
Simplified routing to/from LED
Improved LED thermals
Synchronous 3 MHz PWM boost converter, no external diode
High efficiency: 90% peak
Reduces high levels of input battery current during flash
Limits battery current drain in torch mode
I2C programmable
Currents up to 1500 mA in flash mode for 1 LED with
±7% accuracy over all conditions
Currents up to 200 mA in torch mode
Programmable dc battery current limit (4 settings)
Programmable flash timer up to 1600 ms
Low VBAT mode to reduce LED current automatically
4-bit ADC for LED VF, die/LED temperature readback
Control
I2C-compatible control registers
External STROBE and torch input pins
2 transmitter mask (TxMASK) inputs
Safety
Thermal overload protection
Inductor fault detection
LED short-/open-circuit protection
APPLICATIONS
Camera-enabled cellular phones and smart phones
Digital still cameras, camcorders, and PDAs
FUNCTIONAL BLOCK DIAGRAM
ADP1650
10µF
1.0µH
INPUT VOLTAGE = 2.7V TO 5.0V
VOUT
PGND
SW
STROBE
10µF
LED_OUT
EN
SGND
SCL
SDA
TX1/TORCH
TX2/ILED/ADC
GPIO1
GPIO2
MAX 1.5A
VIN
Figure 1.
DIGITAL
INPUT/
OUTPUT
Li-ION +
Li-ION +
PGND
C1
L1
INDUCTOR
LED
ANODE
C2
AREA = 16.4mm2
Figure 2. PCB Layout (WLCSP)
GENERAL DESCRIPTION
The ADP1650 is a very compact, highly efficient, single white
LED flash driver for high resolution camera phones that
improves picture and video quality in low light environments.
The device integrates a programmable 1.5 MHz or 3 MHz
synchronous inductive boost converter, an I2C-compatible
interface, and a 1500 mA current source. The high switching
frequency enables the use of a tiny, 1 mm high, low cost, 1 μH
power inductor, and the current source permits LED cathode
grounding for thermally enhanced, low EMI, and compact
layouts.
The LED driver maximizes efficiency over the entire battery
voltage range to maximize the input-power-to-LED-power
conversion and to minimize battery current draw during flash
events. A programmable dc battery current limit safely maximizes
LED current for all LED VF and battery voltage conditions.
Two independent TxMASK inputs permit the flash LED current
and battery current to reduce quickly during a power amplifier
current burst. The I2C-compatible interface enables the pro-
grammability of timers, currents, and status bit readback for
operation monitoring and safety control.
The ADP1650 is available in a compact 12-ball, 0.5 mm pitch
WLCSP package and a 10-lead LFCSP package, and operates
within specification over the full −40°C to +125°C junction
temperature range.


Similar Part No. - ADP1650ACBZ-R7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADP1650ACBZ-R7 AD-ADP1650ACBZ-R7 Datasheet
1Mb / 32P
1.5 A LED Flash Driver with I2C-Compatible Interface
REV. 0
More results

Similar Description - ADP1650ACBZ-R7

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM27966 NSC-LM27966 Datasheet
674Kb / 13P
White LED Driver with I2C Compatible Interface
logo
Analog Devices
ADP1650 AD-ADP1650 Datasheet
1Mb / 32P
1.5 A LED Flash Driver with I2C-Compatible Interface
REV. 0
ADP1650 AD-ADP1650_1 Datasheet
74Kb / 2P
1.5 A LED Fiash Driver with I2C-Compatible Interface
REV. A
logo
National Semiconductor ...
LM2759 NSC-LM2759_10 Datasheet
1Mb / 14P
1A Switched Capacitor Flash LED Driver with I2C Compatible Interface
logo
Analog Devices
ADP1655ACBZ-R7 AD-ADP1655ACBZ-R7 Datasheet
664Kb / 24P
Dual LED Flash Driver with I2C-Compatible Interface
REV. 0
ADP1660 AD-ADP1660 Datasheet
620Kb / 28P
Dual 750 mA LED Flash Driver with I2C-Compatible Interface
REV. 0
logo
Texas Instruments
TPS61300 TI1-TPS61300_16 Datasheet
2Mb / 70P
TPS6130xx 1.5-A and 4.1-A Multiple LED Camera Flash Driver With I2C Compatible Interface
logo
Eutech Microelectronics...
EUP2468 EUTECH-EUP2468 Datasheet
78Kb / 1P
1.5A Synchronous Boost LED Flash Driver with I2C Compatible Interface
logo
Texas Instruments
LM2759 TI1-LM2759_17 Datasheet
2Mb / 22P
1A Switched Capacitor Flash LED Driver with I2C Compatible Interface
logo
Analog Devices
ADP1649 AD-ADP1649 Datasheet
591Kb / 28P
1.0 A LED Flash Driver with I2C-Compatible Interface
7/12-Revision 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com