Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP1650ACBZ-R7 Datasheet(PDF) 24 Page - Analog Devices

Part # ADP1650ACBZ-R7
Description  1.5 A LED Flash Driver with I2C-Compatible Interface
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP1650ACBZ-R7 Datasheet(HTML) 24 Page - Analog Devices

Back Button ADP1650ACBZ-R7 Datasheet HTML 20Page - Analog Devices ADP1650ACBZ-R7 Datasheet HTML 21Page - Analog Devices ADP1650ACBZ-R7 Datasheet HTML 22Page - Analog Devices ADP1650ACBZ-R7 Datasheet HTML 23Page - Analog Devices ADP1650ACBZ-R7 Datasheet HTML 24Page - Analog Devices ADP1650ACBZ-R7 Datasheet HTML 25Page - Analog Devices ADP1650ACBZ-R7 Datasheet HTML 26Page - Analog Devices ADP1650ACBZ-R7 Datasheet HTML 27Page - Analog Devices ADP1650ACBZ-R7 Datasheet HTML 28Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 32 page
background image
ADP1650
Rev. C | Page 24 of 32
Table 15. Additional Mode Register, AD_MOD (Register 0x07)
Bit Name
Bit
R/W
Description
DYN_OVP
7
R/W
Dynamic OVP
0 = dynamic OVP off (default)
1 = dynamic OVP on
SW_LO
6
R/W
Force 1.5 MHz switching frequency
0 = disabled (default)
1 = enabled
STR_POL
5
R/W
Strobe polarity
0 = active low
1 = active high (default)
I_ILED
[4:3]
R/W
Indicator LED current
00 = 2.75 mA (default)
01 = 5.5 mA
10 = 8.25 mA
11 = 11 mA
IL_DC
[2:1]
R/W
Input dc current limit setting LED current
00 = 1.5 A
01 = 1.75 A
10 = 2.0 A (default)
11 = 2.25 A
IL_DC_EN
0
R/W
Input dc current limit
0 = disabled (default)
1 = enabled
Table 16. Additional Mode Register, ADC (Register 0x08)
Bit Name
Bit
R/W
Description
Reserved
7
R/W
Test mode
0 = disabled (default)
1 = enabled
FL_VB_LO
6
R
Programmed VBAT low threshold status; low battery mode must be enabled in Register 0x09
0 = VDD is greater than the VBAT low threshold (default)
1 = VDD is less than the VBAT low threshold
ADC_VAL
[5:2]
R/W
ADC readback value; four bits (see Figure 17, Figure 18, and Figure 19)
ADC_EN
[1:0]
R/W
ADC enable mode
00 = disabled (default)
01 = LED VF measurement
10 = die temperature measurement
11 = external voltage mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com