Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM53CF96JC Datasheet(PDF) 25 Page - Advanced Micro Devices

Part # AM53CF96JC
Description  Enhanced SCSI-2 Controller (ESC)
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM53CF96JC Datasheet(HTML) 25 Page - Advanced Micro Devices

Back Button AM53CF96JC Datasheet HTML 21Page - Advanced Micro Devices AM53CF96JC Datasheet HTML 22Page - Advanced Micro Devices AM53CF96JC Datasheet HTML 23Page - Advanced Micro Devices AM53CF96JC Datasheet HTML 24Page - Advanced Micro Devices AM53CF96JC Datasheet HTML 25Page - Advanced Micro Devices AM53CF96JC Datasheet HTML 26Page - Advanced Micro Devices AM53CF96JC Datasheet HTML 27Page - Advanced Micro Devices AM53CF96JC Datasheet HTML 28Page - Advanced Micro Devices AM53CF96JC Datasheet HTML 29Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 76 page
background image
P R E L I M I N A R Y
AMD
25
Am53CF94/Am53CF96
Target Select without ATN Steps
Internal State
Interrupt Status
Register (06H)
Register (05H)
Explanation
Bits 2:0 (Hex)
Bits 7:0 (Hex)
2
11
Selected; received entire CDB; check group code valid bit
1
11
Sequence halted in command phase due to parity error; some CDB bytes may
not have been received; check FIFO flags; Initiator asserted
ATN in command
phase
2
01
Selected; received entire CDB; check group code valid bit
1
01
Sequence halted in command phase because of parity error; some CDB bytes
may not have been received; check FIFO flags
0
01
Selected; loaded bus ID into FIFO; null-byte message loaded into FIFO
Target Select with ATN Steps, SCSI-2 Bit NOT SET
Internal State
Interrupt Status
Register (06H)
Register (05H)
Explanation
Bits 2:0 (Hex)
Bits 7:0 (Hex)
2
12
Selection complete; received one message byte and entire CDB; Initiator as-
serted
ATN during command phase
1
12
Halted in command phase; parity error and
ATN true
0
12
Selected with
ATN; stored bus ID and one message byte; sequence halted be-
cause
ATN remained true after first message byte
2
02
Selection completed; received one message byte and the entire CDB
1
02
Sequence halted in command phase because of parity error; some CDB bytes
not received; check group code valid bit and FIFO flags
0
02
Selected with
ATN; stored bus ID and one message byte; sequence halted be-
cause of parity error or invalid ID message
Target Select with ATN Steps, SCSI-2 Bit SET
Internal State
Interrupt Status
Register (06H)
Register (05H)
Explanation
Bits 2:0 (Hex)
Bits 7:0 (Hex)
6
12
Selection completed; received three message bytes and entire CDB.
ATN is true
5
12
Halted in command phase; parity error and
ATN true
412
ATN remained true after third message byte
2
12
Selection completed; Initiator deasserts
ATN after receipt of one message byte;
entire CDB received.
ATN asserted during command phase
1
12
Sequence halted during command phase because of parity error; one message
byte received; some bytes of CDB not received; parity error and
ATN true
0
12
Selected with
ATN; stored bus ID and one message byte; sequence halted be-
cause of parity error or invalid ID message;
ATN is true
6
02
Selection completed; received three message bytes and the entire CDB
5
02
Received three message bytes then halted in command phase because of parity
error; some CDB bytes not received; check group code valid bit and FIFO flags
4
02
Parity error during second or third message byte
2
02
Selection completed; Initiator deasserts
ATN after receipt of one message byte;
entire CDB received
1
02
Sequence halted during command phase because of parity error; one message
byte received; some bytes of CDB not received; check FIFO flags and group
code valid bit
0
02
Selected with
ATN; stored bus ID and one message byte; sequence halted be-
cause of parity error or invalid ID message



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com