Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM53CF96JC Datasheet(PDF) 68 Page - Advanced Micro Devices

Part # AM53CF96JC
Description  Enhanced SCSI-2 Controller (ESC)
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM53CF96JC Datasheet(HTML) 68 Page - Advanced Micro Devices

Back Button AM53CF96JC Datasheet HTML 64Page - Advanced Micro Devices AM53CF96JC Datasheet HTML 65Page - Advanced Micro Devices AM53CF96JC Datasheet HTML 66Page - Advanced Micro Devices AM53CF96JC Datasheet HTML 67Page - Advanced Micro Devices AM53CF96JC Datasheet HTML 68Page - Advanced Micro Devices AM53CF96JC Datasheet HTML 69Page - Advanced Micro Devices AM53CF96JC Datasheet HTML 70Page - Advanced Micro Devices AM53CF96JC Datasheet HTML 71Page - Advanced Micro Devices AM53CF96JC Datasheet HTML 72Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 68 / 76 page
background image
P R E L I M I N A R Y
AMD
68
Am53CF94/Am53CF96
185
tS
ACKC or REQC
to Data
55
ns
Set Up Time
186
tPWL
REQC or ACKC Pulse Width Low
90
ns
187
tPWH
REQC or ACKC Pulse Width High
90
ns
188
tH
ACKC or REQC
to Data Hold Time
100
ns
Parameter
No.
Symbol
Parameter Description
Test Conditions
Min
Max
Unit
Synchronous Initiator Target Transmit
Note:
There is a one-to-one relationship between every AMD and Emulex Parameter (refer to Appendix B).
* The minimum values have a wide range since they depend on the Synchronization latency. The synchronization latency, in
turn, depends on the operating frequency of the device.
REQC
ACKC
SDC 7–0
SDCP
185
186
187
188
Normal SCSI: (Single Ended)
185
tS
ACKC or REQC
to Data
25
ns
Set Up Time
186
tPWL
REQC or ACKC Pulse Width Low
30
ns
187
tPWH
REQC or ACKC Pulse Width High
30
ns
188
tH
ACKC or REQC
to Data Hold Time
35
ns
Parameter
No.
Symbol
Parameter Description
Test Conditions
Min
Max
Unit
Fast SCSI: (Single Ended)
185
tS
ACKC or REQC
to Data
65
ns
Set Up Time
186
tPWL
REQC or ACKC Pulse Width Low
96
ns
187
tPWH
REQC or ACKC Pulse Width High
96
ns
188
tH
ACKC or REQC
to Data Hold Time
110
ns
Parameter
No.
Symbol
Parameter Description
Test Conditions
Min
Max
Unit
Normal SCSI: (Differential)
185
tS
ACKC or REQC
to Data
35
ns
Set Up Time
186
tPWL
REQC or ACKC Pulse Width Low
40
ns
187
tPWH
REQC or ACKC Pulse Width High
40
ns
188
tH
ACKC or REQC
to Data Hold Time
45
ns
Parameter
No.
Symbol
Parameter Description
Test Conditions
Min
Max
Unit
Fast SCSI: (Differential)
17348B-58



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com