Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM53CF96JC Datasheet(PDF) 28 Page - Advanced Micro Devices

Part # AM53CF96JC
Description  Enhanced SCSI-2 Controller (ESC)
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM53CF96JC Datasheet(HTML) 28 Page - Advanced Micro Devices

Back Button AM53CF96JC Datasheet HTML 24Page - Advanced Micro Devices AM53CF96JC Datasheet HTML 25Page - Advanced Micro Devices AM53CF96JC Datasheet HTML 26Page - Advanced Micro Devices AM53CF96JC Datasheet HTML 27Page - Advanced Micro Devices AM53CF96JC Datasheet HTML 28Page - Advanced Micro Devices AM53CF96JC Datasheet HTML 29Page - Advanced Micro Devices AM53CF96JC Datasheet HTML 30Page - Advanced Micro Devices AM53CF96JC Datasheet HTML 31Page - Advanced Micro Devices AM53CF96JC Datasheet HTML 32Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 76 page
background image
P R E L I M I N A R Y
AMD
28
Am53CF94/Am53CF96
Current FIFO/Internal State Register (07H) Read
Current FIFO/Internal State Register
CFISREG
Address: 07H
Type: Read
76543
210
IS2
IS1
IS0
CF4
CF3
CF2
CF1
CF0
0000
0
000
Internal State 2:0
Current FIFO 4:0
17348B-26
This register has two fields, the Current FIFO field and
the Internal State field.
CFISREG – Bits 7:5 – IS 2:0 – Internal State 2:0
The Internal State Register (ISREG) tracks the progress
of a sequence-type command.
The IS 2:0 bits are duplicated from the IS 2:0 field in the
Internal State Register (ISREG) in the normal mode. If
the device is in the test mode, (see CNTLREG1, bit 3)
IS 0 is set to indicate that the offset value is non-zero.
A non-zero value indicates that synchronous data
transfer can continue. A zero value indicates that the
synchronous offset count has been reached and no
more data can be transferred until an acknowledge is
received.
CFISREG – Bits 4:0 – CF 4:0 – Current FIFO 4:0
The CF 4:0 bits are the binary coded value of the num-
ber of bytes in the FIFO. These bits should not be read
when the device is transferring data since this count
may not be stable.
Synchronous Offset Register (07H) Write
Synchronous Offset Register
SOFREG
Address: 07H
Type: Write
76543
210
SO3
SO2
SO1
SO0
RAD1
RAD0
RAA1
RAA0
0000
0
000
REQ/ACK Assertion 1:0
Synchronous Offset 3:0
REQ/ACK Deassertion 1:0
17348B-27
The Synchronous Offset Register (SOFREG) controls
REQ/ACK deassertion/assertion delay and stores a
4-bit count of the number of bytes that can be sent to
(or received from) the SCSI bus during synchronous
transfers without an
ACK (or REQ). Bytes exceeding
the threshold will be sent one byte at a time
(asynchronously). That is, each byte will require an
ACK/REQ handshake. To set up an asynchronous
transfer, the SOFREG is set to zero. The SOFREG is set
to zero after a hard or soft reset.
SOFREG – Bits 7:6 – RAD 1:0
These bits may be programmed to control the deasser-
tion delay of the
REQ and ACK signals during synchro-
nous transfers. Deassertion delay is expressed as input
clock cycles, and depends on the implementation of
FASTCLK. (See CNTLREG3, bit 3)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com