Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM53CF96JC Datasheet(PDF) 29 Page - Advanced Micro Devices

Part # AM53CF96JC
Description  Enhanced SCSI-2 Controller (ESC)
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM53CF96JC Datasheet(HTML) 29 Page - Advanced Micro Devices

Back Button AM53CF96JC Datasheet HTML 25Page - Advanced Micro Devices AM53CF96JC Datasheet HTML 26Page - Advanced Micro Devices AM53CF96JC Datasheet HTML 27Page - Advanced Micro Devices AM53CF96JC Datasheet HTML 28Page - Advanced Micro Devices AM53CF96JC Datasheet HTML 29Page - Advanced Micro Devices AM53CF96JC Datasheet HTML 30Page - Advanced Micro Devices AM53CF96JC Datasheet HTML 31Page - Advanced Micro Devices AM53CF96JC Datasheet HTML 32Page - Advanced Micro Devices AM53CF96JC Datasheet HTML 33Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 76 page
background image
P R E L I M I N A R Y
AMD
29
Am53CF94/Am53CF96
Deassertion Delay
SOFREG
FASTCLK
REQ/ACK
Bits 7:6
Ctrl 3, Bit 3
Input CLK Cycles
00
0
Default – 0 cycles
01
0
1/2 cycle early
10
0
1 cycle delay
11
0
1/2 cycle delay
00
1
Default – 0 cycles
01
1
1/2 cycle delay
10
1
1 cycle delay
11
1
1 1/2 cycles delay
SOFREG – Bits 5:4 – RAA 1:0
These bits may be programmed to control the assertion
delay of the
REQ and ACK signals during synchronous
transfers. Unlike deassertion delay, assertion delay is
independent of the FASTCLK setting.
Assertion Delay
SOFREG
REQ/ACK
Bits 5:4
Input CLK Cycles
00
Default – 0 cycles
01
1/2 cycle delay
10
1 cycle delay
11
1 1/2 cycles delay
SOFREG – Bits 3:0 – SO 3:0 – Synchronous
Offset 3:0
The SO 3:0 bits are the binary coded value of the num-
ber of bytes that can be sent to (or received from) the
SCSI bus without an
ACK (or REQ) signal. A zero value
designates Asynchronous xfer, while a non-zero value
designates the number of bytes for synchronous
transfer.
Control Register One (08H) Read/Write
Control Register One
CNTLREG1
Address: 08H
Type: Read/Write
76543
210
ETM
DISR
PTE
PERE
STE
CID2
CID1
CID0
0000
0
x
x
x
Disable Interrupt on SCSI Reset
Parity Test Enable
Parity Error Reporting Enable
Self Test Enable
Chip ID 2:0
Extended Timing Mode
17348B-28
The Control Register 1 (CNTLREG1) sets up the device
with various operating parameters.
CNTLREG1 – Bit 7 – ETM – Extended Timing Mode
Enabling this feature will increase the minimum setup
time for data being transmitted on the SCSI bus. This bit
should only be set if the external cabling conditions pro-
duce SCSI timing violations. FASTCLK operation is
unaffected by this feature.
CNTLREG1 – Bit 6 – DISR – Disable Interrupt on
SCSI Reset
The DISR bit masks the reporting of the SCSI reset.
When the DISR bit is set and a SCSI reset is asserted,
the device will disconnect from the SCSI bus and remain
idle without interrupting the host processor. When the
DISR bit is reset and a SCSI reset is asserted the device
will respond by interrupting the host processor. The
DISR bit is reset to zero by a hard or soft reset.
CNTLREG1 – Bit 5 – PTE – Parity Test Enable
The PTE bit is for test use only. When the PTE bit is set
the parity on the output (SCSI or host processor) bus is
forced to the value of the MSB (bit 7) of the output data
from the internal FIFO. This allows parity errors to be
created to test the hardware and software. The PTE bit
is reset to zero by a hard or soft reset. This bit should not
be set in normal operation.
CNTLREG1 – Bit 4 – PERE – Parity Error Report-
ing Enable
The PERE bit enables the checking and reporting of par-
ity errors on incoming SCSI bytes during the information
transfer phase. When the PERE bit set and bad parity is
detected, the PE bit in the STATREG is will be set but an
interrupt will not be generated. In the Initiator mode the
ATN signal will also be asserted on the SCSI bus. When



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com