Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM53CF94JCW Datasheet(PDF) 32 Page - Advanced Micro Devices

Part # AM53CF94JCW
Description  Enhanced SCSI-2 Controller (ESC)
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM53CF94JCW Datasheet(HTML) 32 Page - Advanced Micro Devices

Back Button AM53CF94JCW Datasheet HTML 28Page - Advanced Micro Devices AM53CF94JCW Datasheet HTML 29Page - Advanced Micro Devices AM53CF94JCW Datasheet HTML 30Page - Advanced Micro Devices AM53CF94JCW Datasheet HTML 31Page - Advanced Micro Devices AM53CF94JCW Datasheet HTML 32Page - Advanced Micro Devices AM53CF94JCW Datasheet HTML 33Page - Advanced Micro Devices AM53CF94JCW Datasheet HTML 34Page - Advanced Micro Devices AM53CF94JCW Datasheet HTML 35Page - Advanced Micro Devices AM53CF94JCW Datasheet HTML 36Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 76 page
background image
P R E L I M I N A R Y
AMD
32
Am53CF94/Am53CF96
and then issue an information transfer command. The
first word the device will write to the memory (via DMA)
will consists of the lower byte from the DALREG and the
upper byte from the first byte received from the
SCSI bus.
The DAE bit must be set before the phase changes to
the Synchronous Data-In. The DAE bit is reset to zero by
a hard or soft reset or by writing the DALREG when in-
terrupted in the Synchronous Data-In phase.
CNTLREG2 – Bit 6 – ENF – Enable Features
A software or hardware reset will clear this bit to its de-
fault value of ‘0’; a SCSI reset will leave this bit unaf-
fected. When set to a value of ‘1’, this bit activates the
following product enhancements:
1) The Current Transfer Count Register High (0EH)
will be enabled, extending the transfer counter from
16 to 24 bits to allow for larger transfers.
2) Following a chip or power on reset, up until the point
where the Current Transfer Count Register High
(0EH) is loaded with a value, it is possible to read
the part-unique ID from this register.
3) The SCSI phase will be latched at the completion of
each command by bits 2:0 in the Status Register
(STATREG). When this bit is ‘0’, the Status Register
(STATREG) will reflect real-time SCSI phases.
4) The enable signal for the differential drivers may be
delayed to avoid bus contention on the SCSI
differential lines when the direction for
I/O is
switching. When the SCSI bus changes direction
from input to output, the output drivers are not
asserted for two clock cycles to avoid bus
contention. When the bus changes from output to
input,
SDC7:0 are given time to switch direction
before the SCSI drivers are asserted.
CNTLREG2 – Bit 5 – SBO – Select Byte Order
The SBO bit is used only when the BUSMD 1:0 = 10 to
enable or disable the byte control on the DMA interface.
When SBO is set and the BUSMD 1:0 = 10, the byte con-
trol inputs BHE and AS0 control the byte positions.
When SBO is reset the byte control inputs BHE and AS0
are ignored.
CNTLREG2 – Bit 4 – TSDR – Tri-State DMA
Request
The TSDR bit when set sends the DREQ output signal to
high impedance state and the device ignores all activity
on the DMA request (DREQ) input. This is useful for
wiring-OR several devices that share a common DMA
request line. When the TSDR bit is reset the DREQ
output is driven to TTL levels.
CNTLREG2 – Bit 3 – S2FE – SCSI-2 Features
Enable
The S2FE bit allows the device to recognize two SCSI-2
features: the extended message feature and the
Group 2 command recognition. (These features can
also be controlled independently by bits 6:5 in
CNTLREG3).
Extended Message Feature: When the S2FE bit is set
and the device is selected with attention, the device will
monitor the
ATN signal at the end of the first message
byte. If the
ATN signal is active, the device will request
two more message bytes before switching to the com-
mand phase. If the
ATN signal is inactive the device will
switch to the Command phase. When the S2FE bit is re-
set as a Target the device will request a single message
byte. As an Initiator, the device will abort the selection
sequence if the Target does not switch to the Command
phase after receiving a single message byte.
Group 2 Command Recognition: When the S2FE bit is
set, the GCV (Group Code Valid) bit in the STATREG
(04H) is set, allowing the Group 2 commands to be rec-
ognized as 10 byte commands. When the S2FE bit is
reset, the GCV bit in the STATREG is not set, and the
device will interpret the Group 2 commands as reserved
commands and will request 6 byte commands.
CNTLREG2 – Bit 2 – ACDPE – Abort on Command/
Data Parity Error
The ACDPE bit when set allows the device to abort a
command or data transfer when a parity error is de-
tected. When the ACDPE bit is reset parity error is ig-
nored.
CNTLREG2 – Bit 1 – PGRP – Pass Through/Gener-
ate Register Parity
The PGRP bit, when set, allows parity from DMAP1–0 to
pass during register writes to the FIFO. Enabling this bit
also causes parity checking as data is unloaded from
the FIFO to the SCSI bus.
When this bit is reset to zero, parity is generated for reg-
ister writes to the FIFO, however no additional checking
will be done as FIFO data is unloaded to the SCSI bus
unless the PGDP bit is set.
CNTLREG2 – Bit 0 – PGDP – Pass Through/Gener-
ate Data Parity
The PGDP bit, when set, allows parity from DMAP1–0 to
pass during DMA writes to the FIFO. Parity checking will
also be performed as data is unloaded from the FIFO to
the SCSI bus.
When this bit is reset to zero, parity is generated during
DMA Writes to the FIFO, however no additional check-
ing will be done as FIFO data is unloaded, unless the
PGRP bit is set.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com