Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM53CF94JCW Datasheet(PDF) 57 Page - Advanced Micro Devices

Part # AM53CF94JCW
Description  Enhanced SCSI-2 Controller (ESC)
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM53CF94JCW Datasheet(HTML) 57 Page - Advanced Micro Devices

Back Button AM53CF94JCW Datasheet HTML 53Page - Advanced Micro Devices AM53CF94JCW Datasheet HTML 54Page - Advanced Micro Devices AM53CF94JCW Datasheet HTML 55Page - Advanced Micro Devices AM53CF94JCW Datasheet HTML 56Page - Advanced Micro Devices AM53CF94JCW Datasheet HTML 57Page - Advanced Micro Devices AM53CF94JCW Datasheet HTML 58Page - Advanced Micro Devices AM53CF94JCW Datasheet HTML 59Page - Advanced Micro Devices AM53CF94JCW Datasheet HTML 60Page - Advanced Micro Devices AM53CF94JCW Datasheet HTML 61Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 76 page
background image
P R E L I M I N A R Y
AMD
57
Am53CF94/Am53CF96
76
tPD
DACK
to DREQ
Valid Delay
30
ns
77
tP
DACK
to
DACK
period
95
ns
78
tPWL
DACK Pulse Width Low
45
ns
79
tS
DACK
to
DMARD
Set Up Time
0
ns
80
tS
BHE, AS0 to
DMARD
Set Up Time
20
ns
81
tPWL
DMARD Pulse Width Low
35
ns
82
tPD
DMARD
to Data Valid Delay
35
ns
83
tH
BHE, AS0 to
DMARD
Hold Time
20
ns
84
tH
DMARD
to
DACK
Hold Time
0
ns
85
tZ
DMARD
to Data High Impedance
35
ns
86
tH
DMARD
to Data Hold Time
2
ns
87
tPD
DACK
to DREQ
Valid Delay
30
ns
88
tP
DACK
to
DACK
period
tL + 25
ns
89
tPWH
DACK Pulse Width High
12
ns
90
PARAMETER DOES NOT EXIST
91
tPD
DACK
to Data Valid Delay
30
ns
92
tH
DACK
to Data Hold Time
2
ns
93
tz
DACK
to Data High Impedance
25
ns
94
tS
DACK
to
DMAWR
Set Up Time
0
ns
95
tS
BHE, AS0 to
DMAWR
Set Up Time
20
ns
96
tPWL
DMAWR Pulse Width Low
30
ns
97
tS
Data to
DMAWR
Set Up Time
15
ns
98
tH
BHE, AS0 to
DMAWR
Hold Time
20
ns
99
tH
DMAWR
to
DACK
Hold Time
0
ns
100
tPWH
DMAWR Pulse Width High
25
ns
101
tH
Data to
DMAWR
Hold Time
0
ns
102
tH
DACK
to Data Hold Time
10
ns
103
tS
Data to
DACK
Set Up Time
10
ns
Parameter
No.
Symbol
Parameter Description
Test Conditions
Min
Max
Unit
DMA Read/Write with Byte Control
Note:
There is a one-to-one relationship between every AMD and Emulex Parameter (refer to Appendix B).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com