Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM53CF94JCW Datasheet(PDF) 38 Page - Advanced Micro Devices

Part # AM53CF94JCW
Description  Enhanced SCSI-2 Controller (ESC)
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM53CF94JCW Datasheet(HTML) 38 Page - Advanced Micro Devices

Back Button AM53CF94JCW Datasheet HTML 34Page - Advanced Micro Devices AM53CF94JCW Datasheet HTML 35Page - Advanced Micro Devices AM53CF94JCW Datasheet HTML 36Page - Advanced Micro Devices AM53CF94JCW Datasheet HTML 37Page - Advanced Micro Devices AM53CF94JCW Datasheet HTML 38Page - Advanced Micro Devices AM53CF94JCW Datasheet HTML 39Page - Advanced Micro Devices AM53CF94JCW Datasheet HTML 40Page - Advanced Micro Devices AM53CF94JCW Datasheet HTML 41Page - Advanced Micro Devices AM53CF94JCW Datasheet HTML 42Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 76 page
background image
P R E L I M I N A R Y
AMD
38
Am53CF94/Am53CF96
COMMAND DESCRIPTION
Initiator Commands
Initiator commands are executed by the device when
it is in the Initiator mode. If the device is not in the Initia-
tor mode and an Initiator command is received the
device will ignore the command, generate an Invalid
Command interrupt and clear the Command Register
(CMDREG).
Should the Target disconnect from the SCSI bus by
deasserting the
BSY signal line while the ESC (Initiator)
is waiting for the Target to assert
REQ, a Disconnected
Interrupt will be issued 1.5 to 3.5 clock cycles following
BSY going false.
Upon receipt of the last byte during Msg In phase,
ACK
will remain asserted to prevent the Target from issuing
any additional bytes, while the Initiator decides to ac-
cept/reject the message. If non-DMA commands are
used, the last byte signals the FIFO is empty. If DMA
commands are used, the transfer counter signals the
last byte.
If parity checking is enabled in the Initiator mode and an
error is detected,
ATN will be asserted for the erroneous
byte before deasserting
ACK. An exception to this is fol-
lowing a phase change to Synchronous Data In.
To program Synchronous Transfer, the Synchronous
Offset Register (SOFREG) must be set to a non-zero
value. While in this mode, if the phase changes to Data
In, the DMA interface is disabled, and parity generation
is delayed. The Data In phase will latch the FIFO flags to
indicate the number of bytes in the FIFO, clear the FIFO,
load the FIFO with the first byte of Data In, generate an
interrupt, and continue to load the FIFO with incoming
bytes up to the synchronous offset.
Information Transfer Command
(Command Code 10H/90H)
The Information Transfer command is used to transfer
information bytes over the SCSI bus. This command
may be issued during any SCSI Information Transfer
phase. Synchronous data transmission requires use of
the DMA mode.
The device will continue to transfer information until it is
terminated by any one of the following conditions:
s The Target changes the SCSI bus phase before the
expected number of bytes are transferred. The
device clears the Command Register (CMDREG),
and generates a service interrupt when the Target
asserts
REQ.
s Transfer is successfully complete. If the phase is
Message Out, the device deasserts
ATN before
asserting
ACK for the last byte of the message.
When the Target asserts
REQ, a service interrupt is
generated.
s In the Message In phase when the device receives
the last byte. The device keeps the
ACK signal
asserted and generates a Successful Operation
interrupt.
During synchronous data Transfers the Target may
send up to the maximum synchronous threshold num-
ber of
REQ pulses to the Initiator. If it is the Synchronous
Data-In phase then the Target sends the data and the
REQ pulses. These bytes are stored by the Initiator in
the FIFO as they are received.
Information Transfer Command, when issued during the
following SCSI phases and terminated in synchronous
data phases, is handled as described below:
s Message In/Status Phase – When a phase change
to Synchronous Data-In or Synchronous Data-Out is
detected by the device, the Command Register
(CMDREG) is cleared and the DMA interface is
disabled to disallow any transfer of data phase bytes.
If the phase change is to Synchronous Data-In and
bad parity is detected on the data bytes coming in, it
is
not
reported
since
the
Status
Register
(STATREG) will report the status of the command
just completed. The parity error flag and the
ATN
signal will be asserted when the Transfer Information
command begins execution.
s Message Out/Command Phase – When a phase
change to Synchronous Data-In or Synchronous
Data-Out is detected by the device, the Command
Register (CMDREG) is cleared and the DMA
interface is disabled to disallow any transfer of data
phase bytes. If the phase change is to Synchronous
Data-In and bad parity is detected on the data bytes
coming in, it is not reported since the Status Register
(STATREG) will report the status of the command
just completed. The parity error flag and the
ATN
signal will be asserted when the Transfer Information
command begins execution. The FIFO Register
(FFREG) will be latched and will remain in that
condition until the next command begins execution.
The value in the FFREG indicates the number of
bytes in the FIFO when the phase changed to
Synchronous Data-In. These bytes are cleared from
the FIFO, which now contains only the incoming data
bytes.
s In the Synchronous Data-Out phase, the threshold
counter is incremented as
REQ pulses are received.
The transfer is completed when the FIFO is empty
and the Current Transfer Count Register (CTCREG)
is zero. The threshold counter will not be zero.
s In the Synchronous Data-In phase, the Current
Transfer Count Register (CTCREG) is decre-
mented as bytes are read from the FIFO rather than
being decremented when the bytes are being written
to the FIFO. The transfer is completed when Current
Transfer Count Register (CTCREG) is zero but the
FIFO may not be empty.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com