Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM53CF94JCW Datasheet(PDF) 65 Page - Advanced Micro Devices

Part # AM53CF94JCW
Description  Enhanced SCSI-2 Controller (ESC)
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM53CF94JCW Datasheet(HTML) 65 Page - Advanced Micro Devices

Back Button AM53CF94JCW Datasheet HTML 61Page - Advanced Micro Devices AM53CF94JCW Datasheet HTML 62Page - Advanced Micro Devices AM53CF94JCW Datasheet HTML 63Page - Advanced Micro Devices AM53CF94JCW Datasheet HTML 64Page - Advanced Micro Devices AM53CF94JCW Datasheet HTML 65Page - Advanced Micro Devices AM53CF94JCW Datasheet HTML 66Page - Advanced Micro Devices AM53CF94JCW Datasheet HTML 67Page - Advanced Micro Devices AM53CF94JCW Datasheet HTML 68Page - Advanced Micro Devices AM53CF94JCW Datasheet HTML 69Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 76 page
background image
P R E L I M I N A R Y
AMD
65
Am53CF94/Am53CF96
Parameter
No.
Symbol
Parameter Description
Test Conditions
Min
Max
Unit
173
tPD
REQ
to
ACKC
Delay
25
ns
174
tPD
REQ
to
ACKC
Delay
30
ns
175
tS
Data to
REQ
Set Up Time
0
ns
176
tH
REQ
to Data Hold Time
18
ns
Parameter
No.
Symbol
Parameter Description
Test Conditions
Min
Max
Unit
173
tPD
REQ
to
ACKC
Delay
50
ns
174
tPD
REQ
to
ACKC
Delay
50
ns
175
tS
Data to
REQ
Set Up Time
0
ns
176
tH
REQ
to Data Hold Time
18
ns
Asynchronous Initiator Receive
Note:
There is a one-to-one relationship between every AMD and Emulex Parameter (refer to Appendix B).
REQ
ACKC
SD 7–0
SDP
173
174
175
176
Differential:
Single Ended:
17348B-55



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com