Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM53CF96JCW Datasheet(PDF) 33 Page - Advanced Micro Devices

Part # AM53CF96JCW
Description  Enhanced SCSI-2 Controller (ESC)
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM53CF96JCW Datasheet(HTML) 33 Page - Advanced Micro Devices

Back Button AM53CF96JCW Datasheet HTML 29Page - Advanced Micro Devices AM53CF96JCW Datasheet HTML 30Page - Advanced Micro Devices AM53CF96JCW Datasheet HTML 31Page - Advanced Micro Devices AM53CF96JCW Datasheet HTML 32Page - Advanced Micro Devices AM53CF96JCW Datasheet HTML 33Page - Advanced Micro Devices AM53CF96JCW Datasheet HTML 34Page - Advanced Micro Devices AM53CF96JCW Datasheet HTML 35Page - Advanced Micro Devices AM53CF96JCW Datasheet HTML 36Page - Advanced Micro Devices AM53CF96JCW Datasheet HTML 37Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 76 page
background image
P R E L I M I N A R Y
AMD
33
Am53CF94/Am53CF96
4
Control Register Three
CNTLREG3
Address: 0CH
Type: Read/Write
765
3
210
ADID
CHK
QTAG
G2CB
FAST
SCSI
FAST
CLK
LBTM
MDM
BS8
00000
000
QTAG Control
Group 2 Command Block
FASTSCSI
FASTCLK
Last Byte Transfer Mode
Modify DMA Mode
Burst Size 8
Additional ID Check
Control Register Three (0CH) Read/Write
17348B-32
CNTLREG3 – Bit 7 – ADIDCHK – Additional ID
Check
Enables additional check on ID message during bus-
initiated Select or Reselect with
ATN. The ESC will
check bits 7, and bits 5:3 in the first byte of the ID mes-
sage during Selection of Reselection. An interrupt will
be generated if bit 7 is ‘0’, or if bits 5, 4, or 3 are ‘1’.
CNTLREG3 – Bit 6 – QTAG – QTAG Control
This bit controls the Queue Tag feature in the ESC.
When enabled, the ESC is capable of receiving 3-byte
messages during bus-initiated Select/Reselect with
ATN. (Bit 3, Control Register Two also enables this fea-
ture). The 3-byte message consists of one byte Identify
Message and two bytes of Queue Tag message. The
ESC will check the second byte for values of 20h, 21h,
and 22h. If this condition is not satisfied, the sequence
halts and the ESC generates an interrupt.
When the QTAG feature is not enabled, the ESC halts
the Selected with
ATN sequence following the receipt of
one ID message byte if
ATN is still true.
CNTLREG3 – Bit 5 – G2CB – Group 2 Command
Block
When this bit is set, the ESC is capable of recognizing
10-byte Group 2 Commands as valid CDBs (Command
Descriptor Blocks). (This feature is also controlled by
bit 3 of CNTLREG2). When this feature is enabled, the
Target receives 10 bytes of Group 2 commands, and
sets the group code valid bit (bit 3) in Status Register
(STATREG). When this feature is disabled, the Target
receives only 6 bytes of command code, and does not
set bit 3 in register (04H).
This bit may be programmed in conjunction with bit 6
(described above) to send 1 or 3 byte messages with 6
or 10 byte CDBs. The following table illustrates the
transmission options:
CNTLREG3 – Bit 4 – FASTSCSI – Fast SCSI
CNTLREG3 – Bit 3 – FASTCLK – Fast SCSI
Clocking
These bits configure the ESC’s state machine to support
both Fast SCSI timings and SCSI-1 timings. These bits
will affect the SCSI transfer rate, and must be consid-
ered in conjunction with the ESC’s clock frequency and
mode of operation.
CNTLREG3
CNTLREG3
CNTLREG2
Bit 6
Bit 5
Bit 3
Enabled
QTAG
G2CB
S2FE
Features
––
––
1
10-byte CDB,
3-byte
message
1
0
0
3-byte
message
0
1
0
10-byte CDB
1
1
0
10-byte CDB,
3-byte
message
0
0
0
Features
disabled
–– = don’t care



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com