Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM53CF96JCW Datasheet(PDF) 34 Page - Advanced Micro Devices

Part # AM53CF96JCW
Description  Enhanced SCSI-2 Controller (ESC)
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM53CF96JCW Datasheet(HTML) 34 Page - Advanced Micro Devices

Back Button AM53CF96JCW Datasheet HTML 30Page - Advanced Micro Devices AM53CF96JCW Datasheet HTML 31Page - Advanced Micro Devices AM53CF96JCW Datasheet HTML 32Page - Advanced Micro Devices AM53CF96JCW Datasheet HTML 33Page - Advanced Micro Devices AM53CF96JCW Datasheet HTML 34Page - Advanced Micro Devices AM53CF96JCW Datasheet HTML 35Page - Advanced Micro Devices AM53CF96JCW Datasheet HTML 36Page - Advanced Micro Devices AM53CF96JCW Datasheet HTML 37Page - Advanced Micro Devices AM53CF96JCW Datasheet HTML 38Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 76 page
background image
P R E L I M I N A R Y
AMD
34
Am53CF94/Am53CF96
CNTLREG3
CNTLREG3
FASTSCSI
FASTCLK
Clock
Mode of
Bit 4
Bit 3
Frequency
Operation
1
1
25–40 MHz
10 MBytes/
sec,
Fast SCSI
0
1
25–40 MHz
5 MBytes/sec,
SCSI-1
––
0
< = 25 MHz
5 MBytes/sec,
SCSI-1
–– = don’t care
CNTLREG3 – Bit 2 – LBTM – Last Byte Transfer
Mode
The LBTM bit specifies how the last byte in an odd byte
transfer is handled during 16-bit DMA transfers (modes
1, 2, 3). This mode is not used if byte control is selected
via BUSMD 1:0 = 10 and SBO (Select Byte Order) bit in
the CNTLREG2is set to ‘1’. This mode has no affect dur-
ing 8-bit DMA transfers (mode 0) and on transfers on the
SCSI bus.
When the LBTM bit is set the DREQ signal will not be
asserted for the last byte, instead the host will read or
write the last byte from or to the FIFO. When the LBTM
bit is reset the DREQ signal will be asserted for the last
byte and the following 16-bit DMA transfer will contain
the last byte on the lower bus. While the upper bus
(DMA 15:8/DMAP 1) will be all ones.
The LBTM bit is reset by hard or soft reset.
CNTLREG3 – Bit 1 – MDM – Modify DMA Mode
The MDM bit is used to modify the timing of the
DACK
signal with respect to the
DMARD and DMAWR signals.
The MDM bit is used in conjunction with the Burst Size 8
(BS8) bit in the CNTLREG3. Both bits have to be set for
proper operation.
When the MDM bit is set and the device is in a DMA read
or write mode the
DACK signal will remain asserted
while the data is strobed by the
DMARD or DMAWR sig-
nals. In the DMA read mode when BUSMD 1:0 = 11 the
DACK signal will toggle for every DMA read.
When the MDM bit is reset and the device is in a DMA
read or write mode the
DACK signal will toggle every
time the data is strobed by the
DMARD or DMAWR
signals.
CNTLREG3 – Bit 0 – BS8 – Burst Size 8
The BS8 bit is used to modify the timing of the DREQ
signal with respect to the
DMARD and DMAWR signals.
The BS8 bit is used in conjunction with the Modify DMA
Mode (MDM) bit in the CNTLREG3. Both bits have to be
set for proper operation.
When the BS8 bit is set the device delays the assertion
of the DREQ signal until 8 bytes or 4 words transfer is
possible.
When the BS8 bit is set and the device is in a DMA write
mode the DREQ signal will be asserted only when 8 byte
locations are available for writing. In the DMA read
mode the DREQ signal will go active under the following
circumstances:
At the end of a transfer,
s
In the Target mode,
– when the transfer is complete
or
– when the
ATN signal is active
s
In the Initiator mode,
– when the Current Transfer Register (CTCREG)
is decremented to zero
or
– after any phase change
In the middle of a transfer
s
In the Initiator mode,
– when the last 8 bytes of the FIFO are full
– during Synchronous Data-In transfer when the
Event Transfer Count Register is greater than
7 and the last 8 bytes of the FIFO are full.
When the BS8 bit is reset and the device is in a DMA
read or write mode the DREQ signal will toggle every
time the data is strobed by the
DMARD or DMAWR
signals.
Using (Bit 0 (BS8) and Bit 1 (MDM) of Control
Register Three (CNTLREG3), one can enable the differ-
ent combination modes shown in the table below.
Maximum
(MDM)
(BS8)
Function
Synchronous
Bit 1
Bit 0
Offset
0
0
Normal DMA Mode
15
0
1
Burst Size 8 Mode
7
1
0
Reserved
–
1
1
Modified DMA Mode
7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com