Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM53CF96JCW Datasheet(PDF) 45 Page - Advanced Micro Devices

Part # AM53CF96JCW
Description  Enhanced SCSI-2 Controller (ESC)
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM53CF96JCW Datasheet(HTML) 45 Page - Advanced Micro Devices

Back Button AM53CF96JCW Datasheet HTML 41Page - Advanced Micro Devices AM53CF96JCW Datasheet HTML 42Page - Advanced Micro Devices AM53CF96JCW Datasheet HTML 43Page - Advanced Micro Devices AM53CF96JCW Datasheet HTML 44Page - Advanced Micro Devices AM53CF96JCW Datasheet HTML 45Page - Advanced Micro Devices AM53CF96JCW Datasheet HTML 46Page - Advanced Micro Devices AM53CF96JCW Datasheet HTML 47Page - Advanced Micro Devices AM53CF96JCW Datasheet HTML 48Page - Advanced Micro Devices AM53CF96JCW Datasheet HTML 49Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 76 page
background image
P R E L I M I N A R Y
AMD
45
Am53CF94/Am53CF96
DC OPERATING CHARACTERISTICS
IDDS
Static Supply Current
VDD MAX
4.0
mA
IDDD
Dynamic Supply Current
VDD MAX
30
mA
ILU
Latch Up Current
All I/O
VLU
≤ 10 V
– 100
+100
mA
C
Capacitance
All Pins
10
pF
VIH
Input High Voltage
All SCSI Inputs
2.0
VDD + 0.5
V
VIL
Input Low Voltage
All SCSI Inputs
VSS – 0.5
0.8
V
VIHST
Input Hysterisis
All SCSI Inputs
4.5 V < VDD < 5.5 V
300
mV
VOH
Output High Voltage
SD 7–0, SD PIOH = – 2 mA
2.4
VDD
V
VSOL1
SCSI Output Low Voltage
SD 7–0, SD PIOL= 4 mA
VSS
0.4
V
VSOL2
SCSI Output Low Voltage
SDC 7–0, SDC P, IOL= 48 mA
VSS
0.5
V
MSG, C/D, I/O,
ATN, RSTC,
SELC, BSYC,
ACKC and REQC
IIL
Input Low Leakage
0.0 V < VIN < 2.7 V
–10
+10
µA
IIH
Input High Leakage
2.7 V < VIN < VDD
–10
+10
µA
IOZ
High Impedance Leakage
0 V < VOUT < VDD
–10
+10
µA
VIH
Input High Voltage
2.0
VDD + 0.5
V
VIL
Input Low Voltage
VSS – 0.5
0.8
V
VOH
Output High Voltage
DMA 15–0 and
IOH = – 2 mA
2.4
VDD
V
DMAP 1–0
AD 7–0
IOH = – 1 mA
VOL
Output Low Voltage
DMA 15–0 and
IOL= 4 mA
VSS
0.4
V
DMAP 1–0
AD 7–0
IOL = 2 mA
IIL
Input Low Leakage
DMA 15–0,
0 V < VIN < VIL
– 10
+10
µA
DMAP 1–0 and
AD 7–0
IIH
Input High Leakage
DMA 15–0,
VIH < VIN < VDD
–10
+10
µA
DMAP 1–0 and
AD 7–0
IOZ
High Impedance Leakage
0 V < VOUT < VDD
–10
+10
µA
VOH
Output High Voltage
DREQ, ISEL,
IOH = – 2 mA
2.4
VDD
V
TSEL,
REQC*,
ACKC*
VOL
Output Low Voltage
DREQ, ISEL,
IOL= 4 mA
VSS
0.4
V
TSEL,
REQC*,
ACKC*
IOZ
High Impedance Leakage
0 V < VOUT < VDD
–10
+10
µA
*
REQC and ACKC in Differential Mode only.
Parameter
Symbol
Parameter Description
Pin Names
Test Conditions
Min
Max
Unit
SCSI Pins
Bidirectional Pins
Output Pins



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com