Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM53CF96JCW Datasheet(PDF) 67 Page - Advanced Micro Devices

Part # AM53CF96JCW
Description  Enhanced SCSI-2 Controller (ESC)
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM53CF96JCW Datasheet(HTML) 67 Page - Advanced Micro Devices

Back Button AM53CF96JCW Datasheet HTML 63Page - Advanced Micro Devices AM53CF96JCW Datasheet HTML 64Page - Advanced Micro Devices AM53CF96JCW Datasheet HTML 65Page - Advanced Micro Devices AM53CF96JCW Datasheet HTML 66Page - Advanced Micro Devices AM53CF96JCW Datasheet HTML 67Page - Advanced Micro Devices AM53CF96JCW Datasheet HTML 68Page - Advanced Micro Devices AM53CF96JCW Datasheet HTML 69Page - Advanced Micro Devices AM53CF96JCW Datasheet HTML 70Page - Advanced Micro Devices AM53CF96JCW Datasheet HTML 71Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 76 page
background image
P R E L I M I N A R Y
AMD
67
Am53CF94/Am53CF96
Parameter
No.
Symbol
Parameter Description
Test Conditions
Min
Max
Unit
181
tPD
ACK
to
REQC
Delay
50
ns
182
tPD
ACK
to
REQC
Delay
45
ns
183
tS
Data to
ACK
Set Up Time
0
ns
184
tH
ACK
to Data Hold Time
18
ns
Asynchronous Target Receive
Note:
There is a one-to-one relationship between every AMD and Emulex Parameter (refer to Appendix B).
Single Ended:
Differential:
ACK
REQC
SDC 7–0
SDCP
181
182
183
184
Parameter
No.
Symbol
Parameter Description
Test Conditions
Min
Max
Unit
181
tPD
ACK
to
REQC
Delay
30
ns
182
tPD
ACK
to
REQC
Delay
30
ns
183
tS
Data to
ACK
Set Up Time
0
ns
184
tH
ACK
to Data Hold Time
18
ns
17348B-57



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com