Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM79C873 Datasheet(PDF) 22 Page - Advanced Micro Devices

Part # AM79C873
Description  NetPHY??-1 10/100 Mbps Ethernet Physical Layer Single-Chip Transceiver with 100BASE-FX Support
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C873 Datasheet(HTML) 22 Page - Advanced Micro Devices

Back Button AM79C873 Datasheet HTML 18Page - Advanced Micro Devices AM79C873 Datasheet HTML 19Page - Advanced Micro Devices AM79C873 Datasheet HTML 20Page - Advanced Micro Devices AM79C873 Datasheet HTML 21Page - Advanced Micro Devices AM79C873 Datasheet HTML 22Page - Advanced Micro Devices AM79C873 Datasheet HTML 23Page - Advanced Micro Devices AM79C873 Datasheet HTML 24Page - Advanced Micro Devices AM79C873 Datasheet HTML 25Page - Advanced Micro Devices AM79C873 Datasheet HTML 26Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 44 page
background image
22
Am79C873
PRELIMINARY
Basic Mode Status Register (BMSR) -
Register 1
Bit
Bit Name
Default
Description
1.15
100BASE-T4
0,RO/P
100BASE-T4 Capable:
1=NetPHY-1 device is able to perform in 100BASE-T4 mode.
0=NetPHY-1 device is not able to perform in 100BASE-T4 mode.
1.14
100BASE-TX
Full Duplex
1,RO/P
100BASE-TX Full Duplex Capable:
1=NetPHY-1 device is able to perform 100BASE-TX in Full Duplex mode.
0=NetPHY-1 device is not able to perform 100BASE-TX in Full Duplex
mode.
1.13
100BASE-TX
Half Duplex
1,RO/P
100BASE-TX Half Duplex Capable:
1=NetPHY-1 device is able to perform 100BASE-TX in Half Duplex mode.
0=NetPHY-1 device is not able to perform 100BASE-TX in Half Duplex
mode.
1.12
10BASE-T
Full Duplex
1,RO/P
10BASE-T Full Duplex Capable:
1=NetPHY-1 device is able to perform 10BASE-T in Full Duplex mode.
0=NetPHY-1 device is not able to perform 10BASE-T in Full Duplex mode.
1.11
10BASE-T
Half Duplex
1,RO/P
10BASE-T Half Duplex Capable:
1=NetPHY-1 device is able to perform 10BASE-T in Half Duplex mode.
0=NetPHY-1 device is not able to perform 10BASE-T in Half Duplex mode.
1.10-1.7
Reserved
0,RO
Reserved:
Write as 0, ignore on read.
1.6
MF Preamble
Suppression
0,RO
MII Frame Preamble Suppression:
1=PHY will accept management frames with preamble suppressed.
0=PHY will not accept management frames with preamble suppressed.
1.5
Auto-Negotiation
Complete
0,RO
Auto-Negotiation Complete:
1=Auto-Negotiation process completed.
0=Auto-Negotiation process not completed.
1.4
Remote Fault
0,
RO/LH
Remote Fault:
1= Remote fault condition detected (cleared on read or by a chip reset).
Fault criteria and detection method is NetPHY-1 device implementation
specific. This bit will set after the RF bit in the ANLPAR (bit 13, register
address 05) is set.
0= No remote fault condition detected.
1.3
Auto-Negotiation
Ability
1,RO/P
Auto Configuration Ability:
1=NetPHY-1 device able to perform Auto-Negotiation.
0=NetPHY-1 device not able to perform Auto-Negotiation.
1.2
Link Status
0,RO/LL
Link Status:
1=Valid link established (for either 10 Mbps or 100 Mbps operation).
0=Link not established.
The link status bit is implemented with a latching function, so that the
occurrence of a link failure condition causes the Link Status bit to be
cleared and remain cleared until it is read via the management interface.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com