Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM79C873 Datasheet(PDF) 39 Page - Advanced Micro Devices

Part # AM79C873
Description  NetPHY??-1 10/100 Mbps Ethernet Physical Layer Single-Chip Transceiver with 100BASE-FX Support
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C873 Datasheet(HTML) 39 Page - Advanced Micro Devices

Back Button AM79C873 Datasheet HTML 35Page - Advanced Micro Devices AM79C873 Datasheet HTML 36Page - Advanced Micro Devices AM79C873 Datasheet HTML 37Page - Advanced Micro Devices AM79C873 Datasheet HTML 38Page - Advanced Micro Devices AM79C873 Datasheet HTML 39Page - Advanced Micro Devices AM79C873 Datasheet HTML 40Page - Advanced Micro Devices AM79C873 Datasheet HTML 41Page - Advanced Micro Devices AM79C873 Datasheet HTML 42Page - Advanced Micro Devices AM79C873 Datasheet HTML 43Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 44 page
background image
Am79C873
39
PRELIMINARY
MDIO Timing when OUTPUT by STA
Figure 14.
MDIO Timing when OUTPUT by STA Timing Diagram
MDIO Timing when OUTPUT by NetPHY-1 Device
Figure 15.
MDIO Timing when OUTPUT by NetPHY-1 Timing Diagram
MII Timing Parameters
MDC
t1
t2
MDIO
10 ns
(Min)
10 ns
(Min)
22164A-16
MDC
t3
MDIO
0 - 300 ns
22164A-17
Symbol
Parameter
Conditions
Min
Typical
Max
Unit
t1
MDIO Setup Before MDC
When OUTPUT By STA
10
-
-
ns
t2
MDIO Hold After MDC
When OUTPUT By STA
10
-
-
ns
t3
MDC To MDIO Output Delay
When OUTPTU By
NetPHY-1 device
0
-
100
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com