Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM79C873 Datasheet(PDF) 29 Page - Advanced Micro Devices

Part # AM79C873
Description  NetPHY??-1 10/100 Mbps Ethernet Physical Layer Single-Chip Transceiver with 100BASE-FX Support
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C873 Datasheet(HTML) 29 Page - Advanced Micro Devices

Back Button AM79C873 Datasheet HTML 25Page - Advanced Micro Devices AM79C873 Datasheet HTML 26Page - Advanced Micro Devices AM79C873 Datasheet HTML 27Page - Advanced Micro Devices AM79C873 Datasheet HTML 28Page - Advanced Micro Devices AM79C873 Datasheet HTML 29Page - Advanced Micro Devices AM79C873 Datasheet HTML 30Page - Advanced Micro Devices AM79C873 Datasheet HTML 31Page - Advanced Micro Devices AM79C873 Datasheet HTML 32Page - Advanced Micro Devices AM79C873 Datasheet HTML 33Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 44 page
background image
Am79C873
29
PRELIMINARY
AMD Specified Configuration and Status
Register (DSCSR) - Register 17
Bit
Bit Name
Default
Description
17.15
100FDX
1, RO
100 M Full Duplex Operation:
After Auto-Negotiation is completed, the results will be written to this bit.
A 1 in this bit position indicates 10 0M Full Duplex operation. The software
can read bits [15:12] to determine which mode is selected after Auto-
Negotiation. This bit is invalid when Auto-Negotiation is disabled.
17.14
100HDX
1, RO
100 M Half Duplex Operation:
After Auto-Negotiation is completed, the results will be written to this bit.
A 1 in this bit position indicates 100 M Half Duplex operation. The software
can read bits [15:12] to determine which mode is selected after Auto-
Negotiation. This bit is invalid when Auto-Negotiation is disabled.
17.13
10FDX
1, RO
10 M Full Duplex Operation:
After Auto-Negotiation is completed, the results will be written to this bit.
A 1 in this bit position indicates 10 M Full Duplex operation. The software
can read bits [15:12] to determine which mode is selected after Auto-
Negotiation. This bit is invalid when Auto-Negotiation is disabled.
17.12
10HDX
1, RO
10 M Half Duplex Operation:
After Auto-Negotiation is completed, the results will be written to this bit.
A 1 in this bit position indicates 10M Half Duplex operation. The software
can read bits [15:12] to determine which mode is selected after Auto-
Negotiation. This bit is invalid when Auto-Negotiation is disabled.
17.11-
17.10
Reserved
0, RW
Reserved:
Write as 0, ignore on read.
17.8-17.4
PHYAD[4:0]
(PHYAD), RW
PHY Address Bit 4:0:
The values of the PHYAD[4:0] pins are latched to this register at power-
up/reset. The first PHY address bit transmitted or received is the MSB (bit
4). A station management entity connected to multiple PHY entities must
know the appropriate address of each PHY. A PHY address of <00000>
will cause the isolate bit of the BMCR (bit 10, Register Address 00) to be
set.
Bit
Bit Name
Default
Description
17.3-17.0
ANMB[3:0]
0, RO
Auto-Negotiation Monitor Bits:
These bits are for debug only. The Auto-Negotiation status will be written
to these bits.
b3
b2
b1
b0
0000In IDLE state
0001
Ability match
0010Acknowledge match
0011Acknowledge match fail
0100
Consistency match
0101
Consistency match fail
0110Parallel detect signal_link_ready
0111Parallel detect signal_link_ready fail
1000Auto-Negotiation completed successfully



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com