Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM79C32AJC Datasheet(PDF) 70 Page - Advanced Micro Devices

Part # AM79C32AJC
Description  Digital Subscriber Controller??(DSC?? Circuit
PDF  101 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C32AJC Datasheet(HTML) 70 Page - Advanced Micro Devices

Back Button AM79C32AJC Datasheet HTML 66Page - Advanced Micro Devices AM79C32AJC Datasheet HTML 67Page - Advanced Micro Devices AM79C32AJC Datasheet HTML 68Page - Advanced Micro Devices AM79C32AJC Datasheet HTML 69Page - Advanced Micro Devices AM79C32AJC Datasheet HTML 70Page - Advanced Micro Devices AM79C32AJC Datasheet HTML 71Page - Advanced Micro Devices AM79C32AJC Datasheet HTML 72Page - Advanced Micro Devices AM79C32AJC Datasheet HTML 73Page - Advanced Micro Devices AM79C32AJC Datasheet HTML 74Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 70 / 101 page
background image
70
Am79C30A/32A Data Sheet
MAP Transmission Characteristics
(Am79C30A only)
The codec is designed to meet CCIIT Recommenda-
tion G.714 requirements for signal to distortion, gain
tracking, frequency response, and idle channel noise
specification as defined in Table 53. Verification of con-
formance to G.714 is by device characterization. Pro-
duction testing of individual par ts includes those
parameters shown in Table 54.
Half-channel parameters are specified from AINA or
AINB input pins to a B channel for the transmit path,
and from a B channel to EAR1/EAR2 or LS1/LS2 pins
measured differentially for the receive path. These pa-
rameters are applicable for both A- or µ-law conversion.
(A-law assumes psophometric filtering, and µ-law as-
sumes c-message weighting). All parameters are spec-
ified with the GR, X, R, GX and GER filters disabled;
STG filter is enabled but programmed for infinite atten-
uation.
All values are for Vcc=5V +5%, TA = 0–70°C, and pro-
grammable filters/gains disabled (0 dB, flat) unless oth-
erwise indicated.
Table 53.
MAP Transmission Characteristics (Am79C30A only)
Parameter
Symbol
Parameter Descriptions
Test Conditions
Preliminary
Unit
Min
Typ
Max
TXF
Transmit Frequency Response (Attenuation vs.
Frequency Relative to –10 dBm0 at 1020 Hz)—see
Figure 17
*50 Hz–60 Hz
< 300 Hz
0.3 kHz–3.0 kHz
3.0 kHz–3.4 kHz
3.4 kHz–3.6 kHz
3.6 kHz–3.9 kHz
3.9 kHz–4.0 kHz
24.0
–0.25
–0.25
–0.25
–0.25
0.0
9.0
+0.25
+0.9
dB
dB
dB
dB
dB
dB
dB
RXF
Receive Frequency Response (Attentuation vs.
Frequency Relative to –10 dBm0 at 1020 Hz)—see
Figure 21
<300 Hz
0.3 kHz–3.0 kHz
3.0 kHz–3.4 kHz
3.4 kHz–3.6 kHz
3.6 kHz–3.9 kHz
3.9 kHz–4.0 kHz
–0.25
–0.25
–0.25
–0.25
0.0
9.0
+0.25
+0.9
dB
dB
dB
dB
dB
dB
TXD
Transmit Group Delay Variation vs. Frequency at
–10 dBm0 Relative to Minimum Delay Frequency—
see Figure 18
500 Hz–600 Hz
600 Hz–1000 Hz
1.0 kHz–2.6 kHz
2.6 kHz–2.8 kHz
750
380
130
750
µs
µs
µs
µs
RXD
Receive Group Delay Variation vs. Frequency at
–10 dBm0 Relative to Minimum Delay Frequency—
see Figure 22
500 Hz–600 Hz
600 Hz–1000 Hz
1.0 kHz–2.6 kHz
2.6 kHz–2.8 kHz
750
380
130
750
µs
µs
µs
µs
TXSTD
Transmit Signal/Total Distortion vs. Level; CCITT
Method 2, 1020 Hz (Transmit Gain = 0dB)—See
Figure 20
0 to –30 dBm0
–40 dBm0
–45 dBm0
35.0
29.0
24.0
dB
dB
dB
RXSTD
Receive Signal/Total Distortion vs. Level; CCITT
Method 2, 1020 Hz (Transmit Gain = 0dB)—See
Figure 24
0 to –30 dBm0
–40 dBm0
–45 dBm0
35.0
29.0
24.0
dB
dB
dB
TXGT
Transmit Gain Tracking vs. Level; CCITT Method 2,
1020 Hz (Transmit Gain = 0 dB)—See Figure 19
+3 to –40 dBm0
–40 to –50 dBm0
–50 to –55 dBm0
–0.3
–0.6
–1.6
+0.3
+0.6
+1.6
dB
dB
dB
RXGT
Receive Gain Tracking vs. Level; CCITT Method 2,
1020 Hz (Receive Gain = 0 dB)—See Figure 23
+3 to –40 dBm0
–40 to –50 dBm0
–50 to –55 dBm0
–0.3
–0.6
–1.6
+0.3
+0.6
+1.6
dB
dB
dB
TXICN
Transmit Idle channel Noize AINA or AINB
Connected to AREF
GX = 0 dB, GA = 0 dB
GX = 6 dB, GA = 0 dB
GX = 6 dB, GA = 6 dB
GX = 6 dB, GA = 12 dB
GX = 6 dB, GA = 18 dB
–82
–79
–76
–73
–70
–78
–75
–72
–69
–66
dBm0
dBm0
dBm0
dBm0
dBm0
RXICN
Receive Idle channel Noise
GR = 0 dB, GER = 0 dB
GR = –12 dB, GER = 0 dB
–90
–80
–85
–75
dBm0
dBm0
Note:
*Measured with the high pass filter and auto-zero enabled in MMR2.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com