Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM79C32AJC Datasheet(PDF) 78 Page - Advanced Micro Devices

Part # AM79C32AJC
Description  Digital Subscriber Controller??(DSC?? Circuit
PDF  101 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C32AJC Datasheet(HTML) 78 Page - Advanced Micro Devices

Back Button AM79C32AJC Datasheet HTML 74Page - Advanced Micro Devices AM79C32AJC Datasheet HTML 75Page - Advanced Micro Devices AM79C32AJC Datasheet HTML 76Page - Advanced Micro Devices AM79C32AJC Datasheet HTML 77Page - Advanced Micro Devices AM79C32AJC Datasheet HTML 78Page - Advanced Micro Devices AM79C32AJC Datasheet HTML 79Page - Advanced Micro Devices AM79C32AJC Datasheet HTML 80Page - Advanced Micro Devices AM79C32AJC Datasheet HTML 81Page - Advanced Micro Devices AM79C32AJC Datasheet HTML 82Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 78 / 101 page
background image
78
Am79C30A/32A Data Sheet
Figure 25.
System Interface to LIU
LOUT2
LOUT1
VLOUT
+
–
LIN1
LIN2
R2
R1
R3
R4
RL
RL
CL
CL
V (s-reference)
V (s-reference)
+
2 : 1
2 : 1
Notes:
1. V(s-interface): Transmitter output at the S-interface reference point.
2. RL is the termination impedence at the S interface.
3. CL is the effective capacitance at the S interface.
4. R1 and R2 are the transmitter output series resistors; their value depends upon the characteristics of the pulse transformer
(see Figure 28).
5. R3 and R4 are required for multipoint operation to prevent loading of the line when power is removed from the terminal.
09893H-19
LOUT2
LOUT1
+
–
50 ohms
VLOUT
50 ohms
200 ohms
RL
CL = 200 pF
High Mark
VLOUT
50%
50%
PW
ab
c
Low Mark
Low Mark
High Mark
PU
b
a
c
b
09893H-19
09893H-20
Figure 26.
Equivalent Test Load
Conditions
Figure 27.
Differential Output Signals
Between LOUT2 and LOUT1 (Using the
Test Circuit in Figure 24)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com