Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM79C32AJC Datasheet(PDF) 84 Page - Advanced Micro Devices

Part # AM79C32AJC
Description  Digital Subscriber Controller??(DSC?? Circuit
PDF  101 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C32AJC Datasheet(HTML) 84 Page - Advanced Micro Devices

Back Button AM79C32AJC Datasheet HTML 80Page - Advanced Micro Devices AM79C32AJC Datasheet HTML 81Page - Advanced Micro Devices AM79C32AJC Datasheet HTML 82Page - Advanced Micro Devices AM79C32AJC Datasheet HTML 83Page - Advanced Micro Devices AM79C32AJC Datasheet HTML 84Page - Advanced Micro Devices AM79C32AJC Datasheet HTML 85Page - Advanced Micro Devices AM79C32AJC Datasheet HTML 86Page - Advanced Micro Devices AM79C32AJC Datasheet HTML 87Page - Advanced Micro Devices AM79C32AJC Datasheet HTML 88Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 84 / 101 page
background image
84
Am79C30A/32A Data Sheet
Figure 34.
OSC/MCLK Timing
SBP Mode Timing
Note:
*The frequency of SCLK is fXTAL2 / 64. Tp and Tb are based on this SCLK frequency but include a ±163-ns allowance for
internal-phase lock-loop correction.
Parameter Symbol
Parameter Description
Test Conditions
Min
Max
Units
Tp*
SCLK
5.025
5.392
µs
Ta
High time
2.594
2.615
µs
Tb*
Low time
2.431
2.777
µs
tRISE
SCLK rise time
SCLK Load < 80 pF
20
ns
tFALL
SCLK fall time
SCLK Load < 80 pF
20
ns
tMCSC
MCLK to SCLK
@ 6.144 MHz
MCLK Load < 80 pF
SCLK Load < 80 pF
60
ns
tCHFS
SCLK High to frame sync
50
250
ns
tCLDO
SBOUT
Data available
SBOUT/SFS
Load = 80 pF
50
250
ns
tDICH
SBIN set-up time
200
ns
tCHDZ
SBIN hold time
0
ns
09893H-26
tD
VCC/2
VCC/2
OSC
Divide by 1
12.288 MHz
Divide by 2
6.144 MHz
Divide by 3
4.096 MHz
Divide by 4
3.072 MHz
tFALL 1,2
tPWL
tPWH
tCLK
tRISE 1,2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com