Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM79C32AJC Datasheet(PDF) 77 Page - Advanced Micro Devices

Part # AM79C32AJC
Description  Digital Subscriber Controller??(DSC?? Circuit
PDF  101 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C32AJC Datasheet(HTML) 77 Page - Advanced Micro Devices

Back Button AM79C32AJC Datasheet HTML 73Page - Advanced Micro Devices AM79C32AJC Datasheet HTML 74Page - Advanced Micro Devices AM79C32AJC Datasheet HTML 75Page - Advanced Micro Devices AM79C32AJC Datasheet HTML 76Page - Advanced Micro Devices AM79C32AJC Datasheet HTML 77Page - Advanced Micro Devices AM79C32AJC Datasheet HTML 78Page - Advanced Micro Devices AM79C32AJC Datasheet HTML 79Page - Advanced Micro Devices AM79C32AJC Datasheet HTML 80Page - Advanced Micro Devices AM79C32AJC Datasheet HTML 81Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 77 / 101 page
background image
Am79C30A/32A Data Sheet
77
LIU Characteristics
All of the parameters below are measured at the chip terminals and are consistent with 2:1 transformers.
Parameter
Symbol
Parameter Descriptions
Preliminary
Unit
Min
Typ
Max
VLOUT
Output mark amplitude measured between LOUT2 and LOUT1 (Note 1)
2.210
2.326
2.442
V
VLIN
Receivable input level measured between LIN2 and LIN1, with noise added as
specified by CCITT I.430 section 8.6.2.1 (Note 2)
530
1800
mV
ZOUT
Output impedence measured between LOUT2 and LOUT1 spacing condition
20
Kohm
ZIN
Input impedence measured between LIN2 and LIN1
20
Kohm
J
Timing extraction jitter on LOUT
–7
+7
%
PD
Total phase deviation (LOUT with respect to LIN)
–7
+15
%
PU
Pulse unbalanced measured between LOUT2 and LOUT1 (Note 1)
–5
+5
%
PW
Output pulse width measured between LOUT2 and LOUT1 (Note 1)
4.7
5.2
5.7
µs
Notes:
1. See the equivalent test load circuit and pulse template in Figures 26 and 27.
2. The 530-mV receive input level is equivalent to 9.0 dB of attenuation from a nominal transmit level when measured at the
LIN pins. Allowing 0.5-dB loss in the isolation transformer, and 1.0-dB loss in the input isolation resistors, this level will
guarantee compliance to the CCITT receiver sensitivity spec of 7.5 dB when measured at the S reference point.
3. Typical receiver performance is 220 mV.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com