Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM79C32AJC Datasheet(PDF) 101 Page - Advanced Micro Devices

Part # AM79C32AJC
Description  Digital Subscriber Controller??(DSC?? Circuit
PDF  101 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C32AJC Datasheet(HTML) 101 Page - Advanced Micro Devices

Back Button AM79C32AJC Datasheet HTML 93Page - Advanced Micro Devices AM79C32AJC Datasheet HTML 94Page - Advanced Micro Devices AM79C32AJC Datasheet HTML 95Page - Advanced Micro Devices AM79C32AJC Datasheet HTML 96Page - Advanced Micro Devices AM79C32AJC Datasheet HTML 97Page - Advanced Micro Devices AM79C32AJC Datasheet HTML 98Page - Advanced Micro Devices AM79C32AJC Datasheet HTML 99Page - Advanced Micro Devices AM79C32AJC Datasheet HTML 100Page - Advanced Micro Devices AM79C32AJC Datasheet HTML 101Page - Advanced Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 101 / 101 page
background image
AMENDMENT
Publication# 09893 Rev: H Amendment/1
Issue Date: December 1998
Am79C30A/32A
Digital Subscriber Controller™ (DSC™) Circuit
Table 23: Amplitude Gain Coefficients on page 27 of
the Am79C30A/32A final data sheet has the following
changes:
The tone gain block was intended to provide amplitude
steps of 2 dB with a tolerance of approximately 0.5 dB.
The following additional codes can also be used:
–17 dB = Hex 33
–11 dB = Hex 23
–5 dB = Hex 13
The updated Table 23 reads as follows:
Table 23. Amplitude Gain Coefficients
Gain (dB)
Hex Code
–18
37
–17
33
–16
32
–14
31
–12
27
–11
23
–10
22
–8
21
–6
20
–5
13
–4
12
–2
11
010



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com