Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM7992 Datasheet(PDF) 6 Page - Advanced Micro Devices

Part # AM7992
Description  Serial Interface Adapter (SIA)
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM7992 Datasheet(HTML) 6 Page - Advanced Micro Devices

Back Button AM7992 Datasheet HTML 2Page - Advanced Micro Devices AM7992 Datasheet HTML 3Page - Advanced Micro Devices AM7992 Datasheet HTML 4Page - Advanced Micro Devices AM7992 Datasheet HTML 5Page - Advanced Micro Devices AM7992 Datasheet HTML 6Page - Advanced Micro Devices AM7992 Datasheet HTML 7Page - Advanced Micro Devices AM7992 Datasheet HTML 8Page - Advanced Micro Devices AM7992 Datasheet HTML 9Page - Advanced Micro Devices AM7992 Datasheet HTML 10Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 27 page
background image
6
Am7992B
FUNCTIONAL DESCRIPTION
The Am7992B serial interface adapter (SIA) has three
basic functions. It is a Manchester encoder/line driver
in the transmit path, a Manchester decoder with noise
filtering and quick lock-on characteristics in the receive
path, and a signal detector/converter (10 MHz differen-
tial to TTL) in the collision path. In addition, the SIA pro-
vides the interface between the TTL logic environment
of the Local Area Network Controller for Ethernet
(LANCE) and the differential signaling environment in
the transceiver cable.
Transmit Path
The transmit section encodes separate clock and NRZ
data input signals meeting the setup and hold time to
TCLK at TENA and TX into a standard Manchester II
serial bit stream. The transmit outputs (Transmit+/
Transmit–) are designed to operate into terminated
transmission lines. When operating into a 78
Ω termi-
nated transmission line, signaling meets the required
output levels and skew for IEEE 802.3/Ethernet/
Cheapernet.
Transmitter Timing and Operation
A 20 MHz fundamental mode crystal oscillator provides
the basic timing reference in the SIA. It is divided by two
to create the Transmit Clock reference (TCLK). Both
20 MHz and 10 MHz clocks are fed into the Manchester
Encoder to generate the transitions in the encoded
data stream. The 10 MHz clock, TCLK, is used by the
SIA to internally synchronize Transmit (TX) data and
Transmit Enable (TENA). TCLK is also used as a stable
bit rate clock by the receive section of the SIA and by
other devices in the system (the Am7990 LANCE uses
TCLK to drive its internal state machine). The oscillator
may use an external 0.005% crystal or an external
TTL-level input as a reference, which will achieve a
transmit accuracy of 0.01% (no external adjustments
are required).
Transmission is enabled when TENA is activated. As
long as TENA remains HIGH, signals at TX will be en-
coded as Manchester and will appear at Transmit+ and
Transmit–. When TENA goes LOW, the differential
transmit outputs go to one of two idle states determined
by the circuit configuration of TSEL:
TSEL HIGH: The idle state of Transmit
± yields “zero”
differential to operate transformer-coupled loads (see
Figure 2, Transmitter Timing—End of Transmission
waveform diagram and Typical Performance Curve
diagram).
TSEL LOW: In this idle state, Transmit+ is positive to
Transmit– (logical HIGH) (see figures and diagrams as
referenced above).
The End of Transmission—Return to Zero is deter-
mined by the external RX network at TSEL and by the
load at Transmit
±.
Manchester
Encoder
OSC
DO
±
TX
TENA
TCLK
I
03378I-4
Figure 1.
Transmit Section
VCC
680 pF
3K
C1
R2
20 pF
510
R1
C2
TSEL
PIN 5
A. TSEL LOW
B. TSEL HIGH
TSEL
PIN 5
03378I-5
03378I-6
Figure 2.
Transmit Mode Select (TSEL) Connection



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com