Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM7992 Datasheet(PDF) 14 Page - Advanced Micro Devices

Part # AM7992
Description  Serial Interface Adapter (SIA)
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM7992 Datasheet(HTML) 14 Page - Advanced Micro Devices

Back Button AM7992 Datasheet HTML 10Page - Advanced Micro Devices AM7992 Datasheet HTML 11Page - Advanced Micro Devices AM7992 Datasheet HTML 12Page - Advanced Micro Devices AM7992 Datasheet HTML 13Page - Advanced Micro Devices AM7992 Datasheet HTML 14Page - Advanced Micro Devices AM7992 Datasheet HTML 15Page - Advanced Micro Devices AM7992 Datasheet HTML 16Page - Advanced Micro Devices AM7992 Datasheet HTML 17Page - Advanced Micro Devices AM7992 Datasheet HTML 18Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 27 page
background image
AMD
14
Am7992B
SWITCHING CHARACTERISTICS over operating ranges unless otherwise specified
(Note 8)
(Note 4)
(Note 4)
No.
Parameters
Description
Test Conditions
Min
Max
Unit
Receiver Specification
1
tRCT
RCLK Cycle Time
85
118
ns
2
tRCH
RCLK HIGH Time
38
ns
3
tRCL
RCLK LOW Time
38
ns
4
tRCR
RCLK Rise Time
8
ns
5
tRCF
RCLK Fall Time
8
ns
6
tRDR
RX Rise Time
8
ns
7
tRDF
RX Fall Time
8
ns
8
tRDH
RX Hold Time (RCLK
↑ to RX Change)
5
ns
9
tRDS
RX Prop Delay (RCLK
↑ to RX Stable)
25
ns
10
tDPH
RENA Turn-On Delay (VIDC Max on
80
ns
Receive
± to RENAH)
11
tDPO
RENA Turn-On Delay (VIDC Min on
(Note 9)
300
ns
Receive
± to RENAL)
12
tDPL
RENA LOW Time
(Note 10)
120
ns
13
tRPWR
Receive
± Input Pulse Width to Reject
20
ns
(|Input| > |VIDC Max|)
14
tRPWO
Receive
± Input Pulse Width to Turn-On
45
ns
(|Input| > |VIDC Max|)
15
tRLT
Decoder Acquisition Time
450
ns
16
tREDH
RENA Hold Time (RCLK
↑ to RENAL)
40
80
ns
17
tRPWN
Receive
± Input Pulse Width to
165
ns
Not Turn-Off INTCARR
Collision Specification
18
tCPWR
Collision
± Input Pulse Width to Not
10
ns
Turn-On CLSN (|Input| > |VIDC Min|)
19
tCPWO
Collision
± Input Pulse Width to Turn-On
26
ns
CLSN (|Input| > |VIDC Max|)
20
tCPWE
Collision
± Input Pulse Width to Turn-Off
160
ns
CLSN (|Input| > |VIDC Max|)
21
tCPWN
Collision
± Input Pulse Width to Not
80
ns
Turn-Off CLSN (|Input| < |VIDC Max|)
22
tCPH
CLSN Turn-On Delay (VIDC Max on
50
ns
Collision
± to CLSNH)
23
tCPO
CLSN Turn-Off Delay (VIDC Max on
160
ns
Collision
± to CLSNL)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com