Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM7992 Datasheet(PDF) 12 Page - Advanced Micro Devices

Part # AM7992
Description  Serial Interface Adapter (SIA)
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM7992 Datasheet(HTML) 12 Page - Advanced Micro Devices

Back Button AM7992 Datasheet HTML 8Page - Advanced Micro Devices AM7992 Datasheet HTML 9Page - Advanced Micro Devices AM7992 Datasheet HTML 10Page - Advanced Micro Devices AM7992 Datasheet HTML 11Page - Advanced Micro Devices AM7992 Datasheet HTML 12Page - Advanced Micro Devices AM7992 Datasheet HTML 13Page - Advanced Micro Devices AM7992 Datasheet HTML 14Page - Advanced Micro Devices AM7992 Datasheet HTML 15Page - Advanced Micro Devices AM7992 Datasheet HTML 16Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 27 page
background image
AMD
12
Am7992B
ABSOLUTE MAXIMUM RATINGS
Storage Temperature
–65
°C to +150°C
. . . . . . . . . . .
Ambient Temperature with
Power Applied
0
°C to +70°C
. . . . . . . . . . . . . . . . . . . .
Supply Voltage Continuous
+7.0 V
. . . . . . . . . . . . . . .
DC Voltage Applied to Outputs
–0.5 V to VCC Max
. . .
DC Input Voltage (Logic Inputs)
+5.5 V
. . . . . . . . . . .
DC Input Voltage
(Receive
±/Collision±)
–6 V to +16 V
. . . . . . . . . . . . .
Transmit
± Output Current
–50 mA to +25 mA
. . . . . .
DC Output Current, Into Outputs
100 mA
. . . . . . . . . .
DC Input Current (Logic Inputs)
±30 mA
. . . . . . . . . .
Transmit
± Applied Voltage
0 V to +16 V
. . . . . . . . . .
Stresses above those listed under Absolute Maximum Rat-
ings may cause permanent device failure. Functionality at or
above these limits is not implied. Exposure to Absolute Maxi-
mum Ratings for extended periods may affect device reliabil-
ity. Programming conditions may differ.
OPERATING RANGES
Commercial (C) Devices
Temperature (TC)
0
°C to +70°C
. . . . . . . . . . . . . . . . .
Supply Voltage (VCC)
+5.0 V
±10%
. . . . . . . . . . . . . . .
Operating ranges define those limits between which the func-
tionality of the device is guaranteed.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com